Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9020
Description  Call Progress Tone Decoder & ABR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pin Name
I/O
Internal
Connection
Description
RBK/KEY2
O
CMOS OUT
CPTD mode: RBK=HIGH: The detected input signal is a
ringback tone.
ABRC mode: Transmission gate input or output pin. Used to
trigger the row and column pin of the redial key when a dial
tone is received. It will output a 100ms pulse.
DIAL/KEY1
O
CMOS OUT
CPTD mode: DIAL=HIGH; The detected input signal is a
dial tone.
ABRC mode: Transmission gate input or output pin. Used to
trigger the row and column pin of the redial key when a dial
tone is received. It will output a 100ms pulse.
EN/KEY
I
CMOS IN
CPTD mode: EN=VSS; Normal operation mode
EN=VDD; Device disabled. The oscillator stops and all output
pins are pulled low or high impedance.
ABRC mode: The pin is schmitt trigger input structure.
Active low. Applying a negative going pulse to this pin can
toggle the auto-busy-redial function.
CLR
I
CMOS IN
When CLR is low and BREAK is high, the tone decoder is
reset. This pin can be connected to the mute pin of the dialer
IC for tone elimination.
X1
I
OSCILLATOR
The system oscillator consists of an inverter, a bias resistor
and the necessary load capacitor on-chip. Connect a standard
32.768kHz crystal or ceramic resonator.
X2
O
OSCILLATOR
X1 and X2 terminals implement the oscillator function.
The oscillator is turned off in the standby mode, and is
actuated whenever a keyboard entry is detected.
TEST
I
CMOS IN
Pull-low
For testing only, active high
Approximate internal connection circuits
HT9020
4
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com