Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA140 Datasheet (PDF) - Clare, Inc.

PAA140 Datasheet PDF - Clare, Inc.
Part # PAA140
Download  PAA140 Download
File Size   150.2 Kbytes
Page   7 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relays

PAA140 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAA140 Datasheet PDF - Clare, Inc.

Part # PAA140
Download  PAA140 Click to download

File Size   150.2 Kbytes
Page   7 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relays

PAA140 Datasheet (HTML) - Clare, Inc.


PAA140 Product details

Description
PAA140 is a 400V, 250mA, 8Ω 2-Form-A relay. This performance leader provides a high peak load voltage handling capability combined with a very low resistance for specialized applications.

Features
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750VRMS Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available

Applications
• Telecommunications
   • Telecom Switching
   • Tip/Ring Circuits
   • Modem Switching (Laptop, Notebook, Pocket Size)
   • Hookswitch
   • Dial Pulsing
   • Ground Start
   • Ringer Injection
• Instrumentation
   • Multiplexers
   • Data Acquisition
   • Electronic Switching
   • I/O Subsystems
   • Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls




Similar Part No. - PAA140

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
logo
Littelfuse
PAA140 LITTELFUSE-PAA140 Datasheet
221Kb / 7P
400V, 250mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
logo
Littelfuse
PAA140L LITTELFUSE-PAA140L Datasheet
206Kb / 7P
400V, 200mA Dual Single-Pole
11/18/2025
More results


Similar Description - PAA140

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
Single Pole OptoMOS Relays
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com