Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA110 Datasheet (PDF) - Clare, Inc.

PLA110 Datasheet PDF - Clare, Inc.
Part # PLA110
Download  PLA110 Download
File Size   482.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relays

PLA110 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLA110 Datasheet PDF - Clare, Inc.

Part # PLA110
Download  PLA110 Click to download

File Size   482.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relays

PLA110 Datasheet (HTML) - Clare, Inc.


PLA110 Product details

Description
PLA110 is a 1-Form-A solid state relay which uses optically coupled MOSFET technology to provide 3750V of input to output isolation. The efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS® architecture. The optically-coupled input is controlled by a highly efficient GaAIAs infrared LED. The PLA110 can be used to replace mechanical relays and offers the superior reliability associated with semiconductor devices. Because they have no moving parts, they can offer faster, bounce-free switching in a more compact surface mount or through hole package.

Features
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750VRMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable

Applications
• Telecommunications
    • Telecom Switching
    • Tip/Ring Circuits
    • Modem Switching (Laptop, Notebook, Pocket Size)
    • Hookswitch
    • Dial Pulsing
    • Ground Start
    • Ringer Injection
• Instrumentation
    • Multiplexers
    • Data Acquisition
    • Electronic Switching
    • I/O Subsystems
    • Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls




Similar Part No. - PLA110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Littelfuse
PLA110 LITTELFUSE-PLA110 Datasheet
215Kb / 7P
400V, 150mA Single-Pole
11/18/2025
logo
Clare, Inc.
PLA110L CLARE-PLA110L Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Littelfuse
PLA110L LITTELFUSE-PLA110L Datasheet
200Kb / 7P
400V, 150mA Single-Pole
11/18/2025
More results


Similar Description - PLA110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
Single Pole OptoMOS Relays
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com