Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT692BTA Datasheet (PDF) - Diodes Incorporated

FZT692BTA Datasheet PDF - Diodes Incorporated
Part # FZT692BTA
Download  FZT692BTA Download
File Size   1256.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223

FZT692BTA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT692BTA Datasheet PDF - Diodes Incorporated

Part # FZT692BTA
Download  FZT692BTA Click to download

File Size   1256.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223

FZT692BTA Datasheet (HTML) - Diodes Incorporated


FZT692BTA Product details

Features
• BVCEO > 70V
• BVCBO > 70V
• IC = 2.0A High Continuous Current
• hFE > 400 for High Gain @ 0.5A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Darlington Replacement
• Relay and Solenoid Drivers
• DC-DC Converters




Similar Part No. - FZT692BTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT692B ZETEX-FZT692B Datasheet
92Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT692B KEXIN-FZT692B Datasheet
37Kb / 2P
NPN Silcon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT692B DIODES-FZT692B Datasheet
104Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
logo
Micro Commercial Compon...
FZT692B MCC-FZT692B Datasheet
556Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Nanjing International G...
FZT692B DGNJDZ-FZT692B Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
More results


Similar Description - FZT692BTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT1051ATA DIODES-FZT1051ATA Datasheet
901Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 5
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 1
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 6
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 1
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
FZT692B DIODES-FZT692B_15 Datasheet
916Kb / 7P
70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 6
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 5
FZT792A DIODES-FZT792A_15 Datasheet
682Kb / 7P
70V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT1048A DIODES-FZT1048A_15 Datasheet
506Kb / 7P
17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 3
FZT692BQ DIODES-FZT692BQ Datasheet
865Kb / 7P
70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com