Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2601 Datasheet (PDF) - Clare, Inc.

PS2601 Datasheet PDF - Clare, Inc.
Part # PS2601
Download  PS2601 Download
File Size   85.0 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description AC Power Switch

PS2601 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2601 Datasheet PDF - Clare, Inc.

Part # PS2601
Download  PS2601 Click to download

File Size   85.0 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description AC Power Switch

PS2601 Datasheet (HTML) - Clare, Inc.


PS2601 Product details

Description
PS2601 is an AC Solid State Switch utilizing dual power SCR outputs. This device also includes zero turn on circuitry and is available with a blocking voltage up to 600V.

Features
• Load Current up to 1A (3A with heat sink)
• Blocking Voltages up to 600V
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable

Applications
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contractors
• Large Relays
• Solenoids
• Motors
• Heaters




Similar Part No. - PS2601

ManufacturerPart #DatasheetDescription
logo
NEC
PS2601 NEC-PS2601 Datasheet
223Kb / 38P
Optocoupler Applications
logo
Clare, Inc.
PS2601 CLARE-PS2601 Datasheet
91Kb / 4P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
103Kb / 5P
AC Power Switch
logo
California Eastern Labs
PS2601 CEL-PS2601 Datasheet
124Kb / 4P
HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2601 CEL-PS2601 Datasheet
120Kb / 3P
Safety Standard Certificate for Photocoupler
More results


Similar Description - PS2601

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com