Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2601 Datasheet(PDF) 2 Page - Clare, Inc.

Part # PS2601
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PS2601 Datasheet(HTML) 2 Page - Clare, Inc.

  PS2601 Datasheet HTML 1Page - Clare, Inc. PS2601 Datasheet HTML 2Page - Clare, Inc. PS2601 Datasheet HTML 3Page - Clare, Inc. PS2601 Datasheet HTML 4Page - Clare, Inc. PS2601 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
PS2601
Rev. 9
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Package Dissipation
PS
-
-
16002 mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mW/˚C
2 Derate Linearly 16.6 mW/˚C
Electrical Characteristics
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Peak Blocking Voltage
-
V
DRM
-
-
600
V
Load Current (Continuous)
V
L=120-240VAC
I
L
0.005
-
1
A
Off State Leakage Current
V
DRM
I
LEAK
--
1
mA
On-State Voltage Drop
I
L=1A
-
-
1.2
V
RMS
Critical Rate of Rise
-
dv/dt
1000
1200
-
V/µS
Switching Speeds
Turn-on
IF=5 mA
T
ON
-
-
0.5
cycles
Turn-off
IF=5 mA
T
OFF
-
-
0.5
cycles
Zero-Cross Turn-On Voltage
1st half cycle
-
2
5
V
Sub. half cycle
-
-
-
1
V
Operating Frequency1
-
20
-
500
Hz
Load Power Factor for
Guaranteed Turn-On2
-
PF
0.25
-
-
-
Capacitance Input to Output
-
-
-
3
-
pF
Input Characteristics @ 25°C
Input Control Current
For Normal Environment
-
I
F
5-
50
mA
For High Noise Environment
-
I
F
10
-
100
mA
Input Voltage Drop
F=5mA
V
F
0.9
1.2
1.4
V
Input Drop-out Voltage
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
--
10
uA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
--
3
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
1 Zero Cross 1st half cycle @ <100Hz
2 Snubber circuits may be required at low power factors.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com