Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W155 Datasheet (PDF) - Cypress Semiconductor

W155 Datasheet PDF - Cypress Semiconductor
Part # W155
Download  W155 Download
File Size   86.45 Kbytes
Page   6 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Frequency Timing Generator

W155 Datasheet (PDF)

Go To PDF Page Download Datasheet
W155 Datasheet PDF - Cypress Semiconductor

Part # W155
Download  W155 Click to download

File Size   86.45 Kbytes
Page   6 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Frequency Timing Generator

W155 Datasheet (HTML) - Cypress Semiconductor


W155 Product details

Overview
The W155 incorporates the latest advances in PLL-based spread spectrum frequency synthesizer technology. By frequency modulating the SYSCLK output with a low-frequency carrier, peak EMI can be greatly reduced in a system. Use of this technique allows systems to pass increasingly difficult EMI testing without resorting to costly shielding or redesign.
In a system that uses the W155, not only is EMI reduced in the various clock lines, but also in all signals which are synchronized to SYSCLK. Therefore, the benefits of using this technique increase with the number of address and data lines in the system.

Features
• Generates a spread spectrum timing signal (SYSCLK) and a non-spread signal (USBCLK)
• Requires a 14.318-MHz crystal for operation
• Supports MIPS microprocessor clock frequencies
• Reduces peak EMI by as much as 12 dB
• Integrated loop filter components
• Cycle-to-cycle jitter = 250 ps (max)
• Operates with a 3.3 or 5.0V power supply
• Spread output is selectable from 10 to 133 MHz
• TEST mode supports modulation off (High-Z) and special test input reference frequency
• Guaranteed 45/55 duty cycle
• Packaged in a 16-pin, 300-mil-wide SOIC (Small Outline Integrated Circuit)




Similar Part No. - W155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W15 ETC1-W15 Datasheet
88Kb / 2P
15 Watt - Single Output Regulated Power Supplies
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
List of Unclassifed Man...
W1507-760 ETC1-W1507-760 Datasheet
88Kb / 2P
15 Watt - Single Output Regulated Power Supplies
More results


Similar Description - W155

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
Spread Spectrum Frequency Timing Generator
January 25, 2000, rev. B
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev.
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com