Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD414PI Datasheet (PDF) - IXYS Corporation

IXDD414PI Datasheet PDF - IXYS Corporation
Part # IXDD414PI
Download  IXDD414PI Download
File Size   352.13 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 14 Amp Low-Side Ultrafast MOSFET Driver

IXDD414PI Datasheet (PDF)

Go To PDF Page Download Datasheet
IXDD414PI Datasheet PDF - IXYS Corporation

Part # IXDD414PI
Download  IXDD414PI Click to download

File Size   352.13 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 14 Amp Low-Side Ultrafast MOSFET Driver

IXDD414PI Datasheet (HTML) - IXYS Corporation


IXDD414PI Product details

General Description
The IXDD414 is a high speed high current gate driver specifically designed to drive the largest MOSFETs and IGBTs to their minimum switching time and maximum practical frequency limits. The IXDD414 can source and sink 14A of peak current while producing voltage rise and fall times of less than 30ns. The input of the driver is compatible with TTL or CMOS and is fully immune to latch up over the entire operating range. Designed with small internal delays, cross conduction/current shoot through is virtually eliminated in the IXDD414. Its features and wide safety margin in operating voltage and power make the IXDD414 unmatched in performance and value.
The IXDD414 incorporates a unique ability to disable the output under fault conditions. When a logical low is forced into the Enable input, both final output stage MOSFETs (NMOS and PMOS) are turned off. As a result, the output of the IXDD414 enters a tristate mode and achieves a Soft Turn-Off of the MOSFET/IGBT when a short circuit is detected. This helps prevent damage that could occur to the MOSFET/IGBT if it were to be switched off abruptly due to a dv/dt over-voltage transient.
The IXDD414 is available in the standard 8-pin P-DIP (PI), 14-pin SOIC (SI), 5-pin TO-220 (CI) and in the TO-263 (YI) surface-mount package.

Features
• Built using the advantages and compatibility
   of CMOS and IXYS HDMOS™ processes.
• Latch-Up Protected
• High Peak Output Current: 14A Peak
• Wide Operating Range: 4.5V to 35V
• -55 °C to 125 °C Extended Operating Temperature Standard
• Ability to Disable Output under Faults
• High Capacitive Load
   Drive Capability: 15nF in <30ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current

Applications
• Driving MOSFETs and IGBTs
• Limiting di/dt under Short Circuit
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers




Similar Part No. - IXDD414PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
More results


Similar Description - IXDD414PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
9 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com