Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD414PI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDD414PI
Description  14 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD414PI Datasheet(HTML) 3 Page - IXYS Corporation

  IXDD414PI Datasheet HTML 1Page - IXYS Corporation IXDD414PI Datasheet HTML 2Page - IXYS Corporation IXDD414PI Datasheet HTML 3Page - IXYS Corporation IXDD414PI Datasheet HTML 4Page - IXYS Corporation IXDD414PI Datasheet HTML 5Page - IXYS Corporation IXDD414PI Datasheet HTML 6Page - IXYS Corporation IXDD414PI Datasheet HTML 7Page - IXYS Corporation IXDD414PI Datasheet HTML 8Page - IXYS Corporation IXDD414PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
IXDD414PI/414YI/414CI/414SI
Pin Description
SYMBOL
FUNCTION
DESCRIPTION
VCC
Supply Voltage
Positive power-supply voltage input. This pin provides power to the
entire chip. The range for this voltage is from 4.5V to 25V.
IN
Input
Input signal-TTL or CMOS compatible.
EN
Enable
The system enable pin. This pin, when driven low, disables the chip,
forcing high impedance state to the output.
OUT
Output
Driver Output. For application purposes, this pin is connected,
through a resistor, to Gate of a MOSFET/IGBT.
GND
Ground
The system ground pin. Internally connected to all circuitry, this pin
provides ground reference for the entire chip. This pin should be
connected to a low noise analog ground plane for optimum
performance.
Note 1: Operating the device beyond parameters with listed “absolute maximum ratings” may cause permanent
damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures
when handling and assembling this component.
VIN
VCC
IN
EN
GND
VCC
OUT
GND
OUT
1
2
3
4
8
7
6
5
I
X
D
D
4
1
4
P
I
8-Pin DIP (PI)
TO-220 (CI)
TO-263 (YI)
Vcc
OUT
GND
IN
EN
1
2
3
4
5
Pin Configurations
Figure 2 - Characteristics Test Diagram
14-Pin SOIC (SI)
I
X
D
D
4
1
4
S
I
3
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com