Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1314 Datasheet (PDF) - Dallas Semiconductor

DS1314 Datasheet PDF - Dallas Semiconductor
Part # DS1314
Download  DS1314 Download
File Size   201.24 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3V Nonvolatile Controller with Lithium Battery Monitor

DS1314 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1314 Datasheet PDF - Dallas Semiconductor

Part # DS1314
Download  DS1314 Click to download

File Size   201.24 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3V Nonvolatile Controller with Lithium Battery Monitor

DS1314 Datasheet (HTML) - Dallas Semiconductor


DS1314 Product details

DESCRIPTION
The DS1314 Nonvolatile Controller with Battery Monitor is a CMOS circuit which solves the application problem of converting CMOS RAM into nonvolatile memory. Incoming power is monitored for an outof-tolerance condition. When such a condition is detected, chip enable is inhibited to accomplish write protection and the battery is switched on to supply the RAM with uninterrupted power. Special circuitry uses a low-leakage CMOS process which affords precise voltage detection at extremely low battery consumption.

FEATURES
■ Converts CMOS SRAM into nonvolatile
   memory
■ Unconditionally write-protects SRAM when
   VCC is out of tolerance
■ Automatically switches to battery backup
   supply when VCC power failure occurs
■ Monitors voltage of a lithium cell and
   provides advanced warning of impending
   battery failure
■ Signals low-battery condition on active low
   Battery Warning output signal
■ Automatic VCC power-fail detection for 3.0V
   or 3.3V power supplies
■ Space-saving 8-pin DIP and SOIC packages
■ Optional 16-pin SOIC and 20-pin TSSOP
   versions reset processor when power failure
   occurs and hold processor in reset during
   system power-up
■ Industrial temperature range of -40°C to
   +85°C




Similar Part No. - DS1314

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314 Datasheet
188Kb / 11P
3V Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1314 MAXIM-DS1314 Datasheet
490Kb / 12P
3V Nonvolatile Controller with Lithium Battery Monitor
19-6307; Rev 6/12
DS1314+ MAXIM-DS1314+ Datasheet
490Kb / 12P
3V Nonvolatile Controller with Lithium Battery Monitor
19-6307; Rev 6/12
DS1314E+ MAXIM-DS1314E+ Datasheet
490Kb / 12P
3V Nonvolatile Controller with Lithium Battery Monitor
19-6307; Rev 6/12
More results


Similar Description - DS1314

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1321 DALLAS-DS1321 Datasheet
220Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
3V Nonvolatile Controller with Lithium Battery Monitor
DS1312 DALLAS-DS1312_04 Datasheet
188Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1321 DALLAS-DS1321_04 Datasheet
202Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
logo
ARTSCHIP ELECTRONICS CO...
DS1312 ARTSCHIP-DS1312 Datasheet
322Kb / 10P
Nonvolatile Controller with Lithium Battery Monitor
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1314 MAXIM-DS1314 Datasheet
490Kb / 12P
3V Nonvolatile Controller with Lithium Battery Monitor
19-6307; Rev 6/12
DS1312 MAXIM-DS1312 Datasheet
507Kb / 12P
Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com