Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1386 Datasheet (PDF) - Dallas Semiconductor

DS1386 Datasheet PDF - Dallas Semiconductor
Part # DS1386
Download  DS1386 Download
File Size   263.71 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description RAMified Watchdog Timekeeper

DS1386 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1386 Datasheet PDF - Dallas Semiconductor

Part # DS1386
Download  DS1386 Click to download

File Size   263.71 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description RAMified Watchdog Timekeeper

DS1386 Datasheet (HTML) - Dallas Semiconductor


DS1386 Product details

DESCRIPTION
The DS1386 is a nonvolatile static RAM with a full-function Real Time Clock (RTC), alarm, watchdog timer, and interval timer which are all accessible in a byte-wide format. The DS1386 contains a lithium energy source and a quartz crystal, which eliminates the need for any external circuitry. Data contained within 8k or 32k by 8-bit memory and the timekeeping registers can be read or written in the same manner as bytewide static RAM. The timekeeping registers are located in the first 14 bytes of memory space. Data is maintained in the RAMified Timekeeper by intelligent control circuitry, which detects the status of VCC and write protects memory when VCC is out of tolerance. The lithium energy source can maintain data and real time for over ten years in the absence of VCC. Timekeeper information includes hundredths of seconds, seconds, minutes, hours, day, date, month, and year. The date at the end of the month is automatically adjusted for months with less than 31 days, including correction for leap year. The RAMified Timekeeper operates in either 24-hour or 12-hour format with an AM/PM indicator. The watchdog timer provides alarm interrupts and interval timing between 0.01seconds and 99.99 seconds. The real time alarm provides for preset times of up to one week. Interrupts for both watchdog and RTC will operate when system is powered down. Either can provide system “wake-up” signals.

FEATURES
■ 8 or 32 kbytes of user NV RAM
■ Integrated NV SRAM, real time clock, crystal, power-fail control circuit and lithium energy source
■ Totally nonvolatile with over 10 years of operation in the absence of power
■ Watchdog timer restarts an out-of-control processor
■ Alarm function schedules real-time related activities such as system wakeup
■ Programmable interrupts and square wave output
■ All registers are individually addressable via the address and data bus
■ Interrupt signals are active in power-down mode




Similar Part No. - DS1386

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS138 LUMILEDS-DS138 Datasheet
2Mb / 20P
Retail lighting that makes an impact
logo
Bridgelux, Inc.
DS138 BRIDGELUX-DS138 Datasheet
829Kb / 15P
Tunable Linear Gen 3 2 SMD Rows
06/2020
DS1380 BRIDGELUX-DS1380 Datasheet
1Mb / 21P
V10 F90 Thrive Array Series
11/2025
DS1380-1 BRIDGELUX-DS1380-1 Datasheet
1Mb / 21P
V10 F90 Thrive Array Series
11/2025
DS1381 BRIDGELUX-DS1381 Datasheet
1Mb / 21P
V13C F90 Thrive Array Series
05/02026
More results


Similar Description - DS1386

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
Watchdog Timekeeper Chip
DS1395 DALLAS-DS1395 Datasheet
193Kb / 19P
RAMified Real Time Clock
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
Watchdog Timekeeper
DS1486 DALLAS-DS1486 Datasheet
251Kb / 17P
RAMified Watchdog Timekeeper
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
Watchdog Timekeeper Chip
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
logo
Holtek Semiconductor In...
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
Watchdog Timekeeper
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
TIMEKEEPER SRAM
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com