Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1283 Datasheet (PDF) - Dallas Semiconductor

DS1283 Datasheet PDF - Dallas Semiconductor
Part # DS1283
Download  DS1283 Download
File Size   55.38 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Watchdog Timekeeper Chip

DS1283 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1283 Datasheet PDF - Dallas Semiconductor

Part # DS1283
Download  DS1283 Click to download

File Size   55.38 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Watchdog Timekeeper Chip

DS1283 Datasheet (HTML) - Dallas Semiconductor


DS1283 Product details

DESCRIPTION
The DS1283 Watchdog Timekeeper Chip is a self–contained real time clock, alarm, watchdog timer, and interval timer in a 28–pin JEDEC DIP or 28–pin SOIC surface mount package. The DS1283 is specifically designed to maintain internal operations from a single low voltage supply. In fact, the only two external components required by the DS1283 are a battery and crystal.

FEATURES
• Keeps track of hundredths of seconds, seconds, minutes, hours, days, date of the month, months, and years; valid leap year compersation up to 2100
• Watchdog timer restarts an out–of–control processor
• Alarm function provides notice of real time related occurrences
• Designed for battery operation
• Programmable interrupts and square wave outputs maintain 28–pin JEDEC footprint
• All registers are individually addressable via the address and data bus
• Accuracy is better than ±2 minutes/month at 25°C
• 50 bytes of user nonvolatile RAM
• Optional 28–pin SOIC surface mount package
• Low–power CMOS circuitry is maintained on less than 1 µA in standby mode
• Optional industrial temperature range –40°C to +85°C




Similar Part No. - DS1283

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
Watchdog Timekeeper Chip
DS1284 DALLAS-DS1284 Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284N DALLAS-DS1284N Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284Q DALLAS-DS1284Q Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284Q+ DALLAS-DS1284Q+ Datasheet
384Kb / 18P
Watchdog Timekeepers
More results


Similar Description - DS1283

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
Watchdog Timekeeper Chip
DS1386 DALLAS-DS1386 Datasheet
263Kb / 20P
RAMified Watchdog Timekeeper
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
Watchdog Timekeeper
DS1486 DALLAS-DS1486 Datasheet
251Kb / 17P
RAMified Watchdog Timekeeper
logo
Holtek Semiconductor In...
HT1380A HOLTEK-HT1380A Datasheet
1Mb / 14P
Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
Watchdog Timekeeper
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com