Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380A Datasheet (PDF) - Holtek Semiconductor Inc

HT1380A Datasheet PDF - Holtek Semiconductor Inc
Part # HT1380A
Download  HT1380A Download
File Size   1903.33 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Serial Timekeeper Chip

HT1380A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1380A Datasheet PDF - Holtek Semiconductor Inc

Part # HT1380A
Download  HT1380A Click to download

File Size   1903.33 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Serial Timekeeper Chip

HT1380A Datasheet (HTML) - Holtek Semiconductor Inc


HT1380A Product details

General Description

The HT1380A/HT1381A is a serial timekeeper IC which provides seconds, minutes, hours, day, date, month and year information. The number of days in each month and leap years are automatically adjusted. The HT1380A/HT1381A is designed for low power consumption and can operate in two modes: one is the 12-hour mode with an AM/PM indicator, the other is the 24-hour mode.



Features

• Operating voltage: 2.0V~5.5V

• Maximum input serial clock: 500kHz at VDD=2V, 2MHz at VDD=5V

• Operating current:

   – less than 0.5μA at 2V

   – less than 0.7μA at 3V

   – less than 1.0μA at 5V

• TTL compatible

   – VIH: 2.0V~VDD+0.3V at VDD=5V

   – VIL: 0.3V~+0.8V at VDD=5V

• Two data transmission modes: single-byte, or burst mode

• Serial I/O transmission

• All registers store BCD format

• HT1380A: 8-pin DIP package

  HT1381A: 8-pin SOP package

 

Applications

• Microcomputer serial clock

• Clock and Calendar



 




Similar Part No. - HT1380A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
More results


Similar Description - HT1380A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
09-Oct-2006
MK41T56 STMICROELECTRONICS-MK41T56 Datasheet
102Kb / 15P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
Mar-1999
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
Watchdog Timekeeper
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com