Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56 Datasheet (PDF) - STMicroelectronics

M41T56 Datasheet PDF - STMicroelectronics
Part # M41T56
Download  M41T56 Download
File Size   254.8 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 bit 64b x8 Serial Access TIMEKEEPER SRAM

M41T56 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T56 Datasheet PDF - STMicroelectronics

Part # M41T56
Download  M41T56 Click to download

File Size   254.8 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 bit 64b x8 Serial Access TIMEKEEPER SRAM

M41T56 Datasheet (HTML) - STMicroelectronics


M41T56 Product details

Description
The M41T56 is a low power, serial real-time clock with 56 bytes of NVRAM. A built-in 32,768Hz oscillator (external crystal controlled) and the first 8 bytes of the RAM are used for the clock/calendar function and are configured in binary coded decimal (BCD) format. Addresses and data are transferred serially via a two-line, bidirectional bus. The built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T56 clock has a built-in power sense circuit which detects power failures and automatically switches to the battery supply during power failures. The energy needed to sustain the RAM and clock operations can be supplied from a small lithium coin cell.
Typical data retention time is in excess of 10 years with a 50mAh, 3V lithium cell. The M41T56 is supplied in an 8-lead plastic SOIC package.

Features
■ Counters for seconds, minutes, hours, day, date, month, years, and century
■ 32KHz crystal oscillator integrating load capacitance (12.5pF) providing exceptional oscillator stability and high crystal series resistance operation
■ Serial interface supports I2C bus (100kHz protocol)
■ Ultra-low battery supply current of 450nA (typ at 3V)
■ 5V ±10% supply voltage
■ Timekeeping down to 2.5V
■ Automatic power-fail detect and switch circuitry
■ 56 bytes of general purpose RAM
■ Software clock calibration to compensate crystal deviation due to temperature
■ Automatic leap year compensation
■ Operating temperature of –40°C to 85°C
■ Available in an 8-lead, 150mil, plastic SOIC (SO8)
■ RoHS compliant
   – Lead-free second level interconnect




Similar Part No. - M41T56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56 Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
M41T56 STMICROELECTRONICS-M41T56 Datasheet
482Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
M41T56C64MY6E STMICROELECTRONICS-M41T56C64MY6E Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
M41T56C64MY6F STMICROELECTRONICS-M41T56C64MY6F Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
More results


Similar Description - M41T56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
256 Kb 32K x8 TIMEKEEPER SRAM
Jan-1998
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
MK41T56 STMICROELECTRONICS-MK41T56 Datasheet
102Kb / 15P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
Mar-1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com