Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1802 Datasheet (PDF) - Dallas Semiconductor

DS1802 Datasheet PDF - Dallas Semiconductor
Part # DS1802
Download  DS1802 Download
File Size   291.58 Kbytes
Page   17 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Audio Taper Potentiometer With Pushbutton Control

DS1802 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1802 Datasheet PDF - Dallas Semiconductor

Part # DS1802
Download  DS1802 Click to download

File Size   291.58 Kbytes
Page   17 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Audio Taper Potentiometer With Pushbutton Control

DS1802 Datasheet (HTML) - Dallas Semiconductor


DS1802 Product details

DESCRIPTION

The DS1802 is a dual audio taper-potentiometer having logarithmic resistive characteristics over the device range. Each potentiometer provides 65 wiper positions with a 1 dB increment per step and device mute. The DS1802 has two methods of device control, which include contact closure (pushbutton) inputs and a 3-wire serial interface for wiper positioning. The pushbutton control inputs provide a simple interface for device control without the need for a CPU. While the 3-wire serial interface, using a CPU, provides the user the ability of reading or writing exact wiper positions of the two potentiometers. The DS1802 can also be configured to operate in either independent or “stereo” modes when using pushbutton control. Independent mode of operation allows for independent wiper control, and stereo mode of operation provides single input control over both potentiometer wiper positions. The DS1802 is offered in commercial temperature versions. Packages for the part include a 20-pin DIP, 20-pin SOIC, and 20-pin TSSOP.



FEATURES

Ultra-low power consumption

Operates from 3V or 5V supplies

Two digitally controlled, 65-position potentiometers including mute

Logarithmic resistive characteristics (1 dB per step)

Zero-crossing detection eliminates noise caused by wiper movement

Digital or mechanical pushbutton wiper control

Serial port provides means for setting and reading both potentiometers wipers

20-pin SOIC and 20-pin TSSOP for surface mount applications

Operating Temperature Range: -40° C to +85° C

Software and hardware mute

Resistance Available: 45 kW




Similar Part No. - DS1802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results


Similar Description - DS1802

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
logo
Intersil Corporation
X9460 INTERSIL-X9460 Datasheet
308Kb / 16P
Dual Audio Control Digitally Controlled Potentiometer
October 17, 2005
logo
Maxim Integrated Produc...
MAX5456 MAXIM-MAX5456 Datasheet
462Kb / 20P
Stereo Audio Taper Potentiometers with Pushbutton Interface
Rev 0; 11/04
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com