Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1801 Datasheet (PDF) - Dallas Semiconductor

DS1801 Datasheet PDF - Dallas Semiconductor
Part # DS1801
Download  DS1801 Download
File Size   229.11 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Audio Taper Potentiometer

DS1801 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1801 Datasheet PDF - Dallas Semiconductor

Part # DS1801
Download  DS1801 Click to download

File Size   229.11 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Audio Taper Potentiometer

DS1801 Datasheet (HTML) - Dallas Semiconductor


DS1801 Product details

DESCRIPTION
The DS1801 is a dual audio taper potentiometer having logarithmic resistive characteristics over the device range. Each potentiometer provides 65 wiper positions with a 1 dB increment per step and device mute. The 3-wire serial interface, using a CPU, provides the user the ability of reading or writing exact wiper positions of the two potentiometers. Additionally, the part contains a zero-crossing detection feature that minimizes noise resulting from wiper transitions. Packages for the part include a 14-pin PDIP, 16-pin SOIC, and 14-pin TSSOP.

FEATURES
● Ultra-low power consumption
● Operates from 3V or 5V supplies
● Two digitally controlled, 65-position potentiometers including mute
● Logarithmic resistive characteristics (1 dB per step)
● Zero-crossing detection eliminates noise caused by wiper movement
● Serial port provides means for setting and reading both potentiometers wipers
● 14-pin PDIP, 16-pin SOIC, and 14-pin TSSOP packages
● Operating Temperature Range:
      - Industrial: -40°C to +85°C
● Software mute
● Resistance available: 45 kΩ




Similar Part No. - DS1801

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
More results


Similar Description - DS1801

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com