Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1801 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1801
Description  Dual Audio Taper Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1801 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1801 Datasheet HTML 1Page - Dallas Semiconductor DS1801 Datasheet HTML 2Page - Dallas Semiconductor DS1801 Datasheet HTML 3Page - Dallas Semiconductor DS1801 Datasheet HTML 4Page - Dallas Semiconductor DS1801 Datasheet HTML 5Page - Dallas Semiconductor DS1801 Datasheet HTML 6Page - Dallas Semiconductor DS1801 Datasheet HTML 7Page - Dallas Semiconductor DS1801 Datasheet HTML 8Page - Dallas Semiconductor DS1801 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS1801
2 of 10
OPERATION
The DS1801 provides two 65-position potentiometers per package, each having a logarithmic resistive
characteristic as shown in Table 1. The DS1801 is controlled by a 3-wire serial interface. The 3-wire
serial interface is designed for CPU-controlled applications and allows the potentiometer’s exact wiper
position to be read or written.
The DS1801 design supports daisy-chaining for multi-device
environments.
Figure 1 presents a block diagram of the DS1801. As shown, the inputs from the 3-wire serial interface
drive a command/control unit. The command/control unit interprets these inputs for control of the two
potentiometers.
On power-up, the serial port is stable and active within 10 microseconds. The wiper position on power-up
will be at position 63, the low end of the potentiometer. Position 64 is the mute level.
RESISTANCE CHARACTERISTICS Table 1
POSITION
OUTPUT LEVEL (dB)
00
1-1
2-2
3-3
4-4
5-5
63
-63
64(mute)
<-90
DS1801 BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com