Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1803 Datasheet (PDF) - Dallas Semiconductor

DS1803 Datasheet PDF - Dallas Semiconductor
Part # DS1803
Download  DS1803 Download
File Size   284.4 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Addressable Dual Digital Potentiometer

DS1803 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1803 Datasheet PDF - Dallas Semiconductor

Part # DS1803
Download  DS1803 Click to download

File Size   284.4 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Addressable Dual Digital Potentiometer

DS1803 Datasheet (HTML) - Dallas Semiconductor


DS1803 Product details

DESCRIPTION

The DS1803 addressable dual digital potentiometer features two independently controlled 256-position

potentiometers. Device control is achieved through a 2-wire serial interface. Three address pins allow up to 8 DS1803’s to share the same 2-wire interface. The exact wiper position of each potentiometer can be written or read. The DS1803 is available in a 16-pin DIP, 16-pin SO, and 14-pin TSSOP package. The device is available in three standard resistance values: 10kΩ, 50kΩ, and 100kΩand is specified over the industrial temperature range.



FEATURES

ƒ  3V or 5V Operation

ƒ  Ultra-Low Power Consumption

ƒ  Two Digitally Controlled, 256-Position Potentiometers

ƒ  14-Pin TSSOP (173 mil)and 16-Pin SO (150mil) Packaging Available for Surface-Mount Applications

ƒ  Addressable Using 3 Address Inputs

ƒ  2-Wire Serial Interface

ƒ  Operating Temperature Range:

    -  Industrial: -40°C to +85°C

ƒ  Standard Resistance Values:

    - DS1803-010  10kΩ

    - DS1803-050  50kΩ

    - DS1803-100  100kΩ




Similar Part No. - DS1803

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
DS1803-100+T&R MAXIM-DS1803-100+T&R Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
DS18030-010 MAXIM-DS18030-010 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
DS18030-050 MAXIM-DS18030-050 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
DS18030-100 MAXIM-DS18030-100 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
More results


Similar Description - DS1803

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
Addressable Dual Audio Taper Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
Dual Log Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com