Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1805 Datasheet (PDF) - Maxim Integrated Products

DS1805 Datasheet PDF - Maxim Integrated Products
Part # DS1805
Download  DS1805 Download
File Size   614.38 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Addressable Digital Potentiometer

DS1805 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1805 Datasheet PDF - Maxim Integrated Products

Part # DS1805
Download  DS1805 Click to download

File Size   614.38 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Addressable Digital Potentiometer

DS1805 Datasheet (HTML) - Maxim Integrated Products


DS1805 Product details

General Description

The DS1805 addressable digital potentiometer contains a single 256-position digitally controlled potentiometer.

Device control is achieved through a 2-wire serial interface. Device addressing is provided through three address inputs that allow up to eight devices on a single 2-wire bus.



Features

♦3V or 5V Operation

♦Low Power Consumption

♦One Digitally Controlled, 256-Position Potentiometer

♦Compatible with DS1803-Based Designs

♦14-Pin TSSOP (173mil) and 16-Pin SO (150mil) Available for Surface-Mount Applications

♦Three Address Inputs

♦Serial 2-Wire Bus

♦Operating Temperature Range Industrial: -40°C to +85°C

♦Standard Resistance Values

  DS1805-010: 10kΩ

  DS1805-050*: 50kΩ

  DS1805-100*: 100kΩ



Applications

CCFL Inverters

PDAs and Cell Phones

Portable Electronics

Multimedia Products

Instrumentation and Industrial Controls




Similar Part No. - DS1805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1805E-010 MAXIM-DS1805E-010  Datasheet
257Kb / 10P
Addressable Digital Potentiometer
Rev 1; 9/06
DS1805E-010+ MAXIM-DS1805E-010+ Datasheet
257Kb / 10P
Addressable Digital Potentiometer
Rev 1; 9/06
DS1805E-050 MAXIM-DS1805E-050 Datasheet
257Kb / 10P
Addressable Digital Potentiometer
Rev 1; 9/06
DS1805E-100 MAXIM-DS1805E-100 Datasheet
257Kb / 10P
Addressable Digital Potentiometer
Rev 1; 9/06
DS1805Z-010 MAXIM-DS1805Z-010 Datasheet
257Kb / 10P
Addressable Digital Potentiometer
Rev 1; 9/06
More results


Similar Description - DS1805

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
Addressable Dual Digital Potentiometer
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
Addressable Dual Audio Taper Potentiometer
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com