Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1500 Datasheet (PDF) - ams AG

AS1500 Datasheet PDF - ams AG
Part # AS1500
Download  AS1500 Download
File Size   365.46 Kbytes
Page   8 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Digital Potentiometer

AS1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1500 Datasheet PDF - ams AG

Part # AS1500
Download  AS1500 Click to download

File Size   365.46 Kbytes
Page   8 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Digital Potentiometer

AS1500 Datasheet (HTML) - ams AG


AS1500 Product details

General Description

The AS1500 is a digital potentiometer with 256 programmable steps. The values of the resistor can be controlled via 3 wire serial interface capable to handle programming rates up to 10MHz. The AS1500 is available in four different resistor values. The AS1500 incorporates a 10kΩ, the AS1501 a 20kΩ, the AS1502 a 50kΩ and the AS1503 a 100kΩfixed resistor.



Key Features

-  256-Position

-  Available in four Resistance values

    - AS1500 resistance 10kOhms

    - AS1501 resistance 20kOhms

    - AS1502 resistance 50kOhms

    - AS1503 resistance 100kOhms

-  Power Shutdown —Less than 1 µA

-  3-Wire SPI-Compatible Serial Data Input

-  10 MHz Update Data Loading Rate

-  2.7 V to 5.5 V Single-Supply Operation

-  Temperature Range –40°C to +125°C

-  Package SO-8

-  Compatible to AD8400



Applications

-  Line Impedance Matching

-  Volume Control, Panning

-  Mechanical Potentiometer Replacement

-  Power Supply Adjustment

-  Programmable Filters, Delays, Time Constants




Similar Part No. - AS1500

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
405Kb / 14P
Digital Potentiometer
AS1500-T AMSCO-AS1500-T Datasheet
405Kb / 14P
Digital Potentiometer
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
More results


Similar Description - AS1500

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
Quad Digital Potentiometer
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com