Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1811 Datasheet (PDF) - Dallas Semiconductor

DS1811 Datasheet PDF - Dallas Semiconductor
Part # DS1811
Download  DS1811 Download
File Size   48.03 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 5V EconoReset with Open Drain Output

DS1811 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1811 Datasheet PDF - Dallas Semiconductor

Part # DS1811
Download  DS1811 Click to download

File Size   48.03 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 5V EconoReset with Open Drain Output

DS1811 Datasheet (HTML) - Dallas Semiconductor


DS1811 Product details

DESCRIPTION

The DS1811 EconoReset uses a precision temperature reference and comparator circuit to monitor the status of the power supply (VCC). When an out-of-tolerance condition is detected, an internal power-fail signal is generated which forces reset to the active state. When VCCreturns to an in-tolerance condition, the reset signal is kept in the active state for approximately 150 ms to allow the power supply and processor to stabilize.



FEATURES

Automatically restarts a microprocessor after power failure

Maintains reset for 150 ms after VCCreturns to an in-tolerance condition

Reduces need for discrete components

Precision temperature-compensated voltage reference and voltage sensor

Low-cost TO-92 or space saving SOT-23 packages available

Efficient open-drain output with internal 5.5 kΩpull-up resistor

Operating temperature -40°C to +85°C




Similar Part No. - DS1811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
5V EconoReset with Open Drain Output
041002
More results


Similar Description - DS1811

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1810 DALLAS-DS1810 Datasheet
54Kb / 5P
5V EconoReset with Push-Pull Output
DS1813 DALLAS-DS1813 Datasheet
59Kb / 5P
5V EconoReset with Pushbutton
DS1816 DALLAS-DS1816 Datasheet
51Kb / 5P
3.3V EconoReset with Open Drain Output
DS1816R DALLAS-DS1816R Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
logo
Maxim Integrated Produc...
DS1816 MAXIM-DS1816 Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
041002
DS1813 MAXIM-DS1813 Datasheet
211Kb / 5P
5V EconoReset with Pushbutton
REV: 022306
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
5V EconoReset with Open Drain Output
041002
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
5V EconoReset with Push-Pull Output
041002
DS1233D MAXIM-DS1233D Datasheet
121Kb / 5P
5V EconoReset
041002
DS1833 MAXIM-DS1833 Datasheet
120Kb / 5P
5V EconoReset
041002
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com