Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1816 Datasheet (PDF) - Dallas Semiconductor

DS1816 Datasheet PDF - Dallas Semiconductor
Part # DS1816
Download  DS1816 Download
File Size   51.24 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V EconoReset with Open Drain Output

DS1816 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1816 Datasheet PDF - Dallas Semiconductor

Part # DS1816
Download  DS1816 Click to download

File Size   51.24 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V EconoReset with Open Drain Output

DS1816 Datasheet (HTML) - Dallas Semiconductor


DS1816 Product details

DESCRIPTION

The DS1816 EconoReset uses a precision temperature reference and comparator circuit to monitor the status of the power supply (VCC). When an out-of-tolerance condition is detected, an internal power-fail signal is generated which forces reset to the active state. When VCC returns to an in-tolerance condition, the reset signal is kept in the active state for approximately 150ms to allow the power supply and processor to stabilize.



FEATURES

Automatically restarts a microprocessor after power failure

Maintains reset for 150ms after VCC returns to an in-tolerance condition

Reduces need for discrete components

Precision temperature-compensated voltage reference and voltage sensor

Accurate 5%, 10% or 20% power monitoring

20% tolerance for use with 3V systems

Low-cost TO-92 or space saving SOT-23 packages available

Efficient open-drain output with internal 5kpull-up resistor

Operating temperature -40C to +85C




Similar Part No. - DS1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1816 MAXIM-DS1816 Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
041002
logo
Dallas Semiconductor
DS1816R DALLAS-DS1816R Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
More results


Similar Description - DS1816

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
Buffer with open-drain output
2004 Sep 07
logo
Dallas Semiconductor
DS1811 DALLAS-DS1811 Datasheet
48Kb / 5P
5V EconoReset with Open Drain Output
DS1815 DALLAS-DS1815 Datasheet
53Kb / 5P
3.3V EconoReset with Push-Pull Output
DS1818 DALLAS-DS1818 Datasheet
61Kb / 5P
3.3V EconoReset with Pushbutton
DS1816R DALLAS-DS1816R Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
logo
Maxim Integrated Produc...
DS1818 MAXIM-DS1818 Datasheet
117Kb / 6P
3.3V EconoReset with Pushbutton
Rev 1; 3/15
DS1816 MAXIM-DS1816 Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
041002
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
5V EconoReset with Open Drain Output
041002
DS1233A MAXIM-DS1233A Datasheet
106Kb / 5P
3.3V EconoReset
122001
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
3.3V EconoReset with Push-Pull Output
041002
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com