Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1868 Datasheet (PDF) - Dallas Semiconductor

DS1868 Datasheet PDF - Dallas Semiconductor
Part # DS1868
Download  DS1868 Download
File Size   276.17 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Digital Potentiometer Chip

DS1868 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1868 Datasheet PDF - Dallas Semiconductor

Part # DS1868
Download  DS1868 Click to download

File Size   276.17 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Digital Potentiometer Chip

DS1868 Datasheet (HTML) - Dallas Semiconductor


DS1868 Product details

FEATURES
● Ultra-lowpower consumption, quiet, pumpless design
● Two digitally controlled, 256-position potentiometers
● Serial port provides means for setting and reading both potentiometers
● Resistors can be connected in series to provide increased total resistance
● 20-pin TSSOP, 16-pin SOIC, and 14-pin DIP packages are available.
● Resistive elements are temperature compensated to ±0.3 LSB relative linearity
● Standard resistance values:
    - DS1868-10 ~ 10 kW
    - DS1868-50 ~ 50 kW
    - DS1868-100 ~ 100 kW
● +5V or ±3V operation
● Operating Temperature Range:
    - Industrial: -40°C to 85°C




Similar Part No. - DS1868

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
Dual Digital Potentiometer Chip
100899
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868BE-010+ MAXIM-DS1868BE-010+ Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868BE-050+ MAXIM-DS1868BE-050+ Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
More results


Similar Description - DS1868

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1267 DALLAS-DS1267 Datasheet
312Kb / 12P
Dual Digital Potentiometer Chip
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
Dual Log Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
Dual Digital Potentiometer Chip
102199
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
Dual Digital Potentiometer Chip
100899
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com