Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1991 Datasheet (PDF) - Dallas Semiconductor

DS1991 Datasheet PDF - Dallas Semiconductor
Part # DS1991
Download  DS1991 Download
File Size   290.24 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description MultiKey iButton

DS1991 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1991 Datasheet PDF - Dallas Semiconductor

Part # DS1991
Download  DS1991 Click to download

File Size   290.24 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description MultiKey iButton

DS1991 Datasheet (HTML) - Dallas Semiconductor


DS1991 Product details

iButton DESCRIPTION
The DS1991 MultiKey iButton is a rugged read/write data carrier that acts as three separate electronic keys, offering 1,152 bits of secure, nonvolatile memory. Each key is 384 bits long with distinct 64-bit password and public ID fields (Figure 1). The password field must be matched in order to access the secure memory. Data is transferred serially via the 1-Wire protocol, which requires only a single data lead and a ground return. The 512-bit scratchpad serves to ensure integrity of data transfers to secure memory. Data should first be written to the scratchpad where it can be read back. After the data has been verified, a copy scratchpad command will transfer the data to the secure memory. This process ensures data integrity when modifying the memory. A 48-bit serial number is factory lasered into each DS1991 to provide a guaranteed unique identity which allows for absolute traceability. The family code for the DS1991 is 02h. The durable MicroCan package is highly resistant to environmental hazards such as dirt, moisture and shock. Its compact button-shaped profile is self-aligning with mating receptacles, allowing the DS1991 to be easily used by human operators. Accessories permit the DS1991 to be mounted on plastic key fobs, photo-ID badges, printed-circuit boards or any smooth surface of an object. Applications include secure access control, debit tokens, work-in-progress tracking, electronic travelers and proprietary data.

SPECIAL FEATURES
■ 1,152-bit secure read/write, nonvolatile memory
■ Secure memory cannot be deciphered without matching 64-bit password
■ Memory is partitioned into 3 blocks of 384 bits each
■ 64-bit password and ID fields for each memory block
■ 512-bit scratchpad ensures data transfer integrity
■ Operating temperature range: -40°C to +70°C
■ Over 10 years of data retention

COMMON iButton FEATURES
■ Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48-bit serial number + 8-bit CRC tester) assures absolute traceability because no two parts are alike
■ Multidrop controller for MicroLAN
■ Digital identification and information by momentary contact
■ Chip-based data carrier compactly stores information
■ Data can be accessed while affixed to object
■ Economically communicates to bus master with a single digital signal at 16.3k bits per second
■ Standard 16 mm diameter and 1-Wire protocol ensure compatibility with iButton family
■ Button shape is self-aligning with cup shaped probes
■ Durable stainless steel case engraved with registration number withstands harsh environments
■ Easily affixed with self-stick adhesive backing, latched by its flange, or locked with
■ ring pressed onto its rim
■ Presence detector acknowledges when reader first applies voltage
■ Meets UL#913 (4th Edit.); Intrinsically Safe Apparatus, Approved under Entity Concept for use in Class I, Division 1, Group A, B, C and D Locations




Similar Part No. - DS1991

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1990 DALLAS-DS1990 Datasheet
151Kb / 10P
Serial Number iButton
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
logo
Analog Devices
DS1990A AD-DS1990A Datasheet
702Kb / 10P
Serial Number iButton
Rev: 11/21
logo
Dallas Semiconductor
DS1990A-F3 DALLAS-DS1990A-F3 Datasheet
151Kb / 10P
Serial Number iButton
More results


Similar Description - DS1991

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1904 DALLAS-DS1904 Datasheet
72Kb / 12P
RTC iButton
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
Multi iButton
DS1205V DALLAS-DS1205V Datasheet
21Kb / 1P
MultiKey
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
DS1205S DALLAS-DS1205S Datasheet
138Kb / 17P
MultiKey Chip
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
Thermochron iButton
logo
Maxim Integrated Produc...
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com