Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2064 Datasheet (PDF) - Dallas Semiconductor

DS2064 Datasheet PDF - Dallas Semiconductor
Part # DS2064
Download  DS2064 Download
File Size   73.7 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 8K x 8 Static RAM

DS2064 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2064 Datasheet PDF - Dallas Semiconductor

Part # DS2064
Download  DS2064 Click to download

File Size   73.7 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 8K x 8 Static RAM

DS2064 Datasheet (HTML) - Dallas Semiconductor


DS2064 Product details

DESCRIPTION
The DS2064 is a 65536–bit low power, fully static random access memory organized as 8192 words by eight bits using CMOS technology. The device operates from a single power supply with a voltage input between 4.5V and 5.5V. The chip enable inputs (CE1 and CE2) are used for device selection and can be used in order to achieve the minimum standby current mode, which facilitates both battery operate and battery backup applications. The device provides fast access time of 200 ns and is most suitable for low power applications where battery operation or battery backup for nonvolatility are required. The DS2064 is a JEDEC–standard 8K x 8 SRAM and is pin–compatible with ROM and EPROM of similar density.

FEATURES
• Low power CMOS design
• Standby current
    50 nA max at tA = 25°C VCC = 3.0V
    100 nA max at tA = 25°C VCC = 5.5V
    1 µA max at tA = 60°C VCC = 5.5V
• Full operation for VCC = 4.5V to 5.5V
• Data Retention Voltage = 5.5V to 2.0V
• Access time equals 200 ns at 5.0V
• Operating temperature range of –40°C to +85°C
• Full static operation
• TTL compatible inputs and outputs
• Available in 28–pin DIP and 28–pin SOIC packages
• Suitable for both battery operated and battery backup applications




Similar Part No. - DS2064

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS206 LUMILEDS-DS206 Datasheet
1Mb / 21P
High voltage package that reduces system BOM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2065W-100 MAXIM-DS2065W-100 Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
More results


Similar Description - DS2064

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
8K X 8 STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
8K x 8 Static RAM
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
64K (8K x 8) Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
8K x 8 Static RAM
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com