Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY6264 Datasheet (PDF) - Cypress Semiconductor

CY6264 Datasheet PDF - Cypress Semiconductor
Part # CY6264
Download  CY6264 Download
File Size   253.19 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Static RAM

CY6264 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY6264 Datasheet PDF - Cypress Semiconductor

Part # CY6264
Download  CY6264 Click to download

File Size   253.19 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Static RAM

CY6264 Datasheet (HTML) - Cypress Semiconductor


CY6264 Product details

Features
• Temperature Ranges
   — Commercial: 0°C to 70°C
   — Industrial: –40°C to 85°C
   — Automotive-A: –40°C to 85°C
• High Speed
   — 55 ns
• CMOS for optimum speed/power
• Easy memory expansion with CE1, CE2 and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• Available in Pb-free and non Pb-free 28-lead SNC package




Similar Part No. - CY6264

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
271Kb / 9P
8K x 8 Static RAM
CY6264-55SNXC CYPRESS-CY6264-55SNXC Datasheet
271Kb / 9P
8K x 8 Static RAM
CY6264-55SNXC CYPRESS-CY6264-55SNXC Datasheet
260Kb / 9P
8K x 8 Static RAM
CY6264-55SNXI CYPRESS-CY6264-55SNXI Datasheet
271Kb / 9P
8K x 8 Static RAM
CY6264-55SNXI CYPRESS-CY6264-55SNXI Datasheet
260Kb / 9P
8K x 8 Static RAM
More results


Similar Description - CY6264

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
8K X 8 STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
8K x 8 Static RAM
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
64K (8K x 8) Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
8K x 8 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com