Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2224 Datasheet (PDF) - Dallas Semiconductor

DS2224 Datasheet PDF - Dallas Semiconductor
Part # DS2224
Download  DS2224 Download
File Size   102.84 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EconoRAM

DS2224 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2224 Datasheet PDF - Dallas Semiconductor

Part # DS2224
Download  DS2224 Click to download

File Size   102.84 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EconoRAM

DS2224 Datasheet (HTML) - Dallas Semiconductor


DS2224 Product details

DESCRIPTION

The DS2223 and DS2224 EconoRAMs are fully static, micro–powered, read/write memories in low–cost TO–92 or SOT–223 packages. The DS2223 is organized as a serial 256 x 1 bit static read/write memory. The DS2224’s first 32 bits are lasered with a unique ID code at the time of manufacture; the remaining 224 bits are static read/write memory. Signaling necessary for reading or writing is reduced to just one interface lead.



FEATURES

• Low–cost, general–purpose, 256–bit memory

  – DS2223 has 256–bit SRAM

  – DS2224 has 32–bit ROM, 224–bit SRAM

• Reduces control, address and data interface to a single pin

• Each DS2224 32–bit ROM is factory–lasered with a unique serial number

• DS2224 portion of ROM with custom code and unique serial number available

• Minimal operating power: 45 nanocoulombs per transaction @1.5V typical

• Less than 15 nA standby current at 25°C

• Nonvolatile data retention easily achieved via low–cost alkaline batteries or capacitors

• Directly connects to a port pin of popular microcontrollers

• Operation from 1.2 to 5.5 volts

• Popular TO–92 or SOT–223 surface mount package

• Operates over industrial temperature range –40°C to +85°C




Similar Part No. - DS2224

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS2227-100 DALLAS-DS2227-100 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
DS2227-120 DALLAS-DS2227-120 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
DS2227-70 DALLAS-DS2227-70 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
More results


Similar Description - DS2224

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2404 DALLAS-DS2404 Datasheet
663Kb / 28P
EconoRAM Time Chip
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com