Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2252T Datasheet (PDF) - Dallas Semiconductor

DS2252T Datasheet PDF - Dallas Semiconductor
Part # DS2252T
Download  DS2252T Download
File Size   257.03 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Secure Microcontroller Module

DS2252T Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2252T Datasheet PDF - Dallas Semiconductor

Part # DS2252T
Download  DS2252T Click to download

File Size   257.03 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Secure Microcontroller Module

DS2252T Datasheet (HTML) - Dallas Semiconductor


DS2252T Product details

DESCRIPTION
The DS2252T is an 8051 compatible microcontroller based on nonvolatile RAM technology. It is designed for systems that need to protect memory contents from disclosure. This includes key data, sensitive algorithms, and proprietary information of all types. Like other members of the Secure Microcontroller family, it provides full compatibility with the 8051 instruction set, timers, serial port, and parallel I/O ports. By using NVRAM instead of ROM, the user can program, then reprogram the microcontroller while in–system. This allows frequent changing of sensitive processes with minimal effort. The DS2252T provides an array of mechanisms to prevent an attacker from examining the memory.

FEATURES
• 8051 compatible microcontroller for secure/sensitive applications
    – 32K, 64K, or 128K bytes of nonvolatile SRAM for program and/or data storage
    – In–system programming via on–chip serial port
    – Capable of modifying its own program or data memory in the end system
• Firmware Security Features:
    – Memory stored in encrypted form
    – Encryption using on–chip 64–bit key
    – Automatic true random key generator
    – SDI Self Destruct Input
    – Improved security over previous generations
    – Protects memory contents from piracy
• Crashproof Operation
    – Maintains all nonvolatile resources for over 10 years in the absence of power
    – Power–fail Reset
    – Early Warning Power–fail Interrupt
    – Watchdog Timer
    – Precision reference for power monitor
• Fully 8051 Compatible
    – 128 bytes scratchpad RAM
    – Two timer/counters
    – On–chip serial port
    – 32 parallel I/O port pins
• Permanently powered real time clock




Similar Part No. - DS2252T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
95Kb / 14P
Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
680Kb / 16P
Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2252T-128-16 DALLAS-DS2252T-128-16 Datasheet
95Kb / 14P
Secure Microcontroller Module
More results


Similar Description - DS2252T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
High-Speed Secure Microcontroller
logo
ATMEL Corporation
AT90SC6464C-USB ATMEL-AT90SC6464C-USB Datasheet
55Kb / 4P
Secure Microcontroller
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
logo
ATMEL Corporation
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
Secure Microcontroller for Smart Cards
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_1 Datasheet
95Kb / 14P
Secure Microcontroller Module
logo
ATMEL Corporation
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
Secure Microcontroller for Smart Cards
logo
Dallas Semiconductor
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
High-Speed Secure Microcontroller
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com