Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2252T Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2252T
Description  Secure Microcontroller Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2252T Datasheet HTML 1Page - Dallas Semiconductor DS2252T Datasheet HTML 2Page - Dallas Semiconductor DS2252T Datasheet HTML 3Page - Dallas Semiconductor DS2252T Datasheet HTML 4Page - Dallas Semiconductor DS2252T Datasheet HTML 5Page - Dallas Semiconductor DS2252T Datasheet HTML 6Page - Dallas Semiconductor DS2252T Datasheet HTML 7Page - Dallas Semiconductor DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS2252T
2 of 15
memory contents. Furthermore, the “Soft” nature of the DS2252T allows frequent modification of secure
information. This minimizes that value of any information that is obtained.
Using a security system based on the DS5002FP, the DS2252T protects the memory contents from
disclosure. It loads program memory via its serial port and encrypts it in real time prior to storing it in
SRAM. Once encrypted, the RAM contents and the program flow are unintelligible. The real data exists
only inside the processor chip after being decrypted. Any attempt to discover the on-chip data, encryption
keys, etc., results in its destruction. Extensive use of nonvolatile lithium-backed technology creates a
microcontroller that retains data for over 10 years at room temperature, but which can be erased instantly
if tampered with. The DS2252T even interfaces directly to external tamper protection hardware.
The DS2252T provides a permanently powered real time lock with interrupts for time stamp and date. It
keeps time to one hundredth of a second using its onboard 32 kHz crystal.
Like other Secure Microcontrollers in the family, the DS2252T provides crashproof operation in portable
systems or systems with unreliable power. These features include the ability to save the operating state,
Power-fail Reset, Power-fail Interrupt, and Watchdog Timer. All nonvolatile memory and resources are
maintained for over 10 years at room temperature in the absence of power.
A user loads programs into the DS2252T via its on-chip Serial Bootstrap Loader. This function
supervises the loading of software into NV RAM, validates it, then becomes transparent to the user. It
also manages the loading of new encryption keys automatically. Software is stored in onboard CMOS
SRAM. Using its internal Partitioning, the DS2252T can divide a common RAM into user selectable
program and data segments. This Partition can be selected at program loading time, but can be modified
anytime later. The microcontroller will decode memory access to the SRAM, access memory via its Byte-
wide bus and write-protect the memory portion designated as program (ROM).
A detailed summary of the security features is provided in the User’s Guide section of the Secure
Microcontroller data book. An overview is also available in the DS5002FP data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com