Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2252T Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2252T
Description  Secure Microcontroller Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2252T Datasheet HTML 7Page - Dallas Semiconductor DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor DS2252T Datasheet HTML 10Page - Dallas Semiconductor DS2252T Datasheet HTML 11Page - Dallas Semiconductor DS2252T Datasheet HTML 12Page - Dallas Semiconductor DS2252T Datasheet HTML 13Page - Dallas Semiconductor DS2252T Datasheet HTML 14Page - Dallas Semiconductor DS2252T Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DS2252T
13 of 15
SERIAL PORT TIMING - MODE 0
NOTES:
1. All voltage referenced to ground.
2. SDI should be taken to a logic high when VCC=+5V, and to approximately 3V when VCC<3V.
3. SDI is deglitched to prevent accidental destruction. The pulse must be longer than tSPR to pass the
deglitcher, but SDI is not guaranteed unless it is longer than tSPA.
4. Maximum operating ICC is measured with all output pins disconnected; XTAL1 driven with tCLKR,
tCLKF=10 ns, VIL = 0.5V; XTAL2 disconnected; RST = PORT0 = VCC.
5. Idle mode IIDLE is measured with all output pins disconnected; XTAL1 driven with tCLKR, tCLKF= 10
ns, VIL = 0.5V; XTAL2 disconnected; PORT0 = VCC, RST = VSS.
6. Stop mode ISTOP is measured with all output pins disconnected; PORT0 = VCC; XTAL2 not
connected; RST = XTAL1 = VSS.
7. Pin capacitance is measured with a test frequency - 1 MHz, tA= 25°C.
8. Crystal start-up time is the time required to get the mass of the crystal into vibrational motion from
the time that power is first applied to the circuit until the first clock pulse is produced by the on-chip
oscillator. The user should check with the crystal vendor for a worst case specification on this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com