Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOL Datasheet (PDF) - EUROQUARTZ limited

CXOL Datasheet PDF - EUROQUARTZ limited
Part # CXOL
Download  CXOL Download
File Size   101.6 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Ultra-low Current, Miniature Oscillator

CXOL Datasheet (PDF)

Go To PDF Page Download Datasheet
CXOL Datasheet PDF - EUROQUARTZ limited

Part # CXOL
Download  CXOL Click to download

File Size   101.6 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Ultra-low Current, Miniature Oscillator

CXOL Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - CXOL

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOL STATEK-CXOL Datasheet
179Kb / 2P
Ultra-Low Current, Miniature Quartz Crystal Oscillator
logo
IQD Frequency Products ...
CXOL-5.0V IQD-CXOL-5.0V Datasheet
192Kb / 2P
Crystal Clock Oscillator Specification
logo
STATEK CORPORATION
CXOLAT STATEK-CXOLAT Datasheet
181Kb / 2P
Ultra-Low Power/Fast Start-Up/Ultra-Miniature
logo
IQD Frequency Products ...
CXOLAT-1.8V IQD-CXOLAT-1.8V Datasheet
140Kb / 3P
Crystal Clock Oscillator Specification
CXOLAT-2.5V IQD-CXOLAT-2.5V Datasheet
140Kb / 3P
Crystal Clock Oscillator Specification
More results


Similar Description - CXOL

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOL STATEK-CXOL Datasheet
179Kb / 2P
Ultra-Low Current, Miniature Quartz Crystal Oscillator
LFXO STATEK-LFXO_12 Datasheet
119Kb / 2P
Low Current Consumption Miniature Surface Mount Crystal Oscillator
logo
EUROQUARTZ limited
CXOQ EUROQUARTZ-CXOQ Datasheet
102Kb / 1P
Ultra-Miniature Precision Oscillator
logo
Abracon Corporation
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
logo
Golledge Electronics Lt...
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
Miniature 1.8V Low Current Consumption Oscillator
GXO-5301L GOLLEDGE-GXO-5301L Datasheet
598Kb / 5P
Miniature 2.5V-3.3V Low Current Consumption Oscillator
logo
EUROQUARTZ limited
CXOU EUROQUARTZ-CXOU Datasheet
187Kb / 1P
Ultra-Low Current Minauture Crystal Oscillator 32.768kHz - 100.0kHz
logo
Micrel Semiconductor
DSC3001 MICREL-DSC3001 Datasheet
477Kb / 5P
Low-Power Ultra-Miniature Oscillator
logo
Diodes Incorporated
KX251 DIODES-KX251 Datasheet
559Kb / 2P
Ultra Low Current KX Series Crystal Oscillator
REV C 8/27/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com