Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2954 Datasheet (PDF) - NEC

2SC2954 Datasheet PDF - NEC
Part # 2SC2954
Download  2SC2954 Download
File Size   103.81 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD

2SC2954 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2954 Datasheet PDF - NEC

Part # 2SC2954
Download  2SC2954 Click to download

File Size   103.81 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD

2SC2954 Datasheet (HTML) - NEC


2SC2954 Product details

DESCRIPTION
The 2SC2954 is an NPN epitaxial silicon transistor disigned for low noise wide band amplifier and buffer amplifier of OSC, for VHF and CATV bnad.

FEATURES
• Low Noise and High Gain.
   f = 200 MHz, 500 MHz
   NF: 2.3 dB, 2.4 dB
   |S21e|: 20 dB, 12.5 dB
• Large PT in Small Package.
   PT: 2 W with 16 cm2 x 0.7 mm Ceramic Substrate.




Similar Part No. - 2SC2954

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2954 ISC-2SC2954 Datasheet
241Kb / 5P
isc Silicon NPN RF Transistor
More results


Similar Description - 2SC2954

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2780 NEC-2SC2780 Datasheet
209Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
2SC3617 NEC-2SC3617 Datasheet
225Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1001 NEC-2SD1001 Datasheet
208Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1005 NEC-2SD1005 Datasheet
211Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1614 NEC-2SD1614 Datasheet
214Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1699 NEC-2SD1699 Datasheet
198Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SD1950-T1-AZ RENESAS-2SD1950-T1-AZ Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3554 RENESAS-2SC3554_15 Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3617 RENESAS-2SC3617_15 Datasheet
346Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com