Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2954 Datasheet(PDF) 2 Page - NEC

Part # 2SC2954
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2954 Datasheet(HTML) 2 Page - NEC

  2SC2954 Datasheet HTML 1Page - NEC 2SC2954 Datasheet HTML 2Page - NEC 2SC2954 Datasheet HTML 3Page - NEC 2SC2954 Datasheet HTML 4Page - NEC 2SC2954 Datasheet HTML 5Page - NEC 2SC2954 Datasheet HTML 6Page - NEC 2SC2954 Datasheet HTML 7Page - NEC 2SC2954 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC2954
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB = 10 V, IE = 0
100
nA
DC Current Gain
hFE
VCE = 10 V, IC = 50 mA *1
30
100
200

Gain Bandwidth Product
fT
VCE = 10 V, IC = 50 mA
3.0
4.0
GHz
Feedback Capacitance
Cre
VCB = 10 V, Emitter Grounded,
f = 1.0 MHz
1.1
1.8
pF
Insertion Power Gain
S21e2
VCE = 10 V, IC = 50 mA, f = 500 MHz
RG = 50

10
12.5
dB
Noise Figure
NF
VCE = 10 V, IC = 30 mA, f = 500 MHz
RG = 50

2.4
4.0
dB
*1 Pulse Measurement PW
 350 s, duty cycle 2 %/Pulsed
TYPICAL CHARACTERISTICS (TA = 25
C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ta-Ambient Temperature-
°C
0
1.0
2.0
50
100
150
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE-Base to Emitter Voltage-V
0
100
200
0.5
1.0
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE-Collector to Emitter Voltage-V
0
100
200
2
468
10
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC-Collector Current-mA
1
20
30
50
70
100
200
10
10
100 200
Free Air Rth(j-a) 312.5
°C/W
Ceramic Substrate
16 cm2
× 0.7 mm
Rth(j-a) 62.5
°C/W
VCE = 10 V
2 mA
1.5 mA
1 mA
IB = 500
A
µ
0
VCE = 10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com