Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2480 Datasheet (PDF) - Dallas Semiconductor

DS2480 Datasheet PDF - Dallas Semiconductor
Part # DS2480
Download  DS2480 Download
File Size   185.71 Kbytes
Page   26 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial 1.Wire Line Driver

DS2480 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2480 Datasheet PDF - Dallas Semiconductor

Part # DS2480
Download  DS2480 Click to download

File Size   185.71 Kbytes
Page   26 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial 1.Wire Line Driver

DS2480 Datasheet (HTML) - Dallas Semiconductor


DS2480 Product details

DESCRIPTION

The DS2480 is a serial port to 1–Wire interface chip that supports standard and Overdrive speeds. It connects

directly to UARTs and 5V RS232 systems. Interfacing to RS232C (±12V levels) requires a passive clamping circuit and one 5V to ±12V level translator. Internal timers relieve the host of the burden of generating the time–critical 1–Wire communication waveforms.



FEATURES

•Universal, common–ground serial port to 1–WireTM line driver for MicroLANTM applications

•Works with all iButtons and MicroLAN–compatible 1–Wire slave devices

•Communicates at regular and Overdrive 1–Wire speed and serial port data rates of 9600 (default), 19200, 57600 and 115200 bps

•Supports 12V EPROM programming and stiff 5V pull–up for Crypto iButton, sensors and EEPROM

•Self–calibrating time base with ±5% tolerance for serial and 1–Wire communication

•Slew rate controlled 1–Wire pull–down and active pull–up to accommodate long lines and reduce radiation

•User–selectable RXD/TXD polarity minimizes component count when interfacing to 5V based RS232 systems or directly to UARTs

•Programmable 1–Wire timing and driver characteris tics accommodate a wide range of MicroLAN configurations at regular speed

•Smart protocol combines data and control information without requiring extra pins

•Compatible to optical, IR and RF to RS232 converters

•Low cost 8–pin SOIC surface mount package

•Operates over 4.5V to 5.5V from –40°C to +85°C




Similar Part No. - DS2480

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
DS2480B+ MAXIM-DS2480B+ Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
More results


Similar Description - DS2480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320 Datasheet
583Kb / 20P
Serial Digital Controlled Variable Gain Line Driver
REV.0
logo
Dallas Semiconductor
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
1-Wire Level Shifter and Line Driver with Load Sensor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
logo
Texas Instruments
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
Serial Digital Controlled Variable Gain Line Driver
REV. 0
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
Serial to 1-Wire Line Driver
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com