Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C390 Datasheet (PDF) - Dallas Semiconductor

DS80C390 Datasheet PDF - Dallas Semiconductor
Part # DS80C390
Download  DS80C390 Download
File Size   5486.01 Kbytes
Page   58 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual CAN High-Speed Microprocessor

DS80C390 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS80C390 Datasheet PDF - Dallas Semiconductor

Part # DS80C390
Download  DS80C390 Click to download

File Size   5486.01 Kbytes
Page   58 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual CAN High-Speed Microprocessor

DS80C390 Datasheet (HTML) - Dallas Semiconductor


DS80C390 Product details

DESCRIPTION
The DS80C390 is a fast 8051-compatible microprocessor. The redesigned processor core executes 8051 instructions up to 3 times faster than the original for the same crystal speed. The DS80C390 supports a maximum crystal speed of 40 MHz, resulting in apparent execution speeds of 100 MHz (approximately 2.5X). An optional internal frequency multiplier allows the microprocessor to operate at full speed with a reduced crystal frequency, reducing EMI. A hardware math accelerator further increases the speed of 32 and 16 bit multiply and divide operations, as well as high-speed shift, normalization and accumulate functions.

FEATURES
■ 80C52 compatible
    - 8051 instruction-set compatible
    - Four 8-bit I/O ports
    - Three 16-bit timer/counters
    - 256 bytes scratchpad RAM
■ High-Speed Architecture
    - 4 clocks/machine cycle (8051=12)
    - Runs DC to 40 MHz clock rates
    - Frequency multiplier reduces EMI
    - Single-cycle instruction in 100 ns
    - 16/32-bit math coprocessor
■ 4 kB internal SRAM usable as program/data/stack memory
■ Enhanced memory architecture
    - Addresses up to 4 MB external
    - Defaults to true 8051 memory compatibility
    - User-enabled 22-bit program/data counter
    - 16-Bit/22-bit paged/22-bit contiguous modes
    - User-selectable multiplexed / nonmultiplexed memory interface
    - Optional 10 bit stack pointer
■ Two full-function CAN 2.0B controllers
    - 15 message centers per controller
    - Standard 11-bit or extended 29-bit identification modes
    - Supports DeviceNet, SDS, and higher layer CAN protocols
    - Disables transmitter during autobaud
    - SIESTA low power mode
■ Two full-duplex hardware serial ports
■ Programmable IrDA clock
■ High integration controller includes
    - Power-fail reset
    - Early-warning power-fail interrupt
    - Programmable watchdog timer
    - Oscillator-fail detection
■ 16 total interrupt sources with 6 external
■ Available in 64-pin QFP, 68-pin PLCC
    P




Similar Part No. - DS80C390

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390 Datasheet
769Kb / 155P
High-Speed Microcontroller User?셲 Guide Supplement
DS80C390 DALLAS-DS80C390 Datasheet
1Mb / 53P
Dual CAN High-Speed Microprocessor
logo
Maxim Integrated Produc...
DS80C390 MAXIM-DS80C390 Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
DS80C390-FCR MAXIM-DS80C390-FCR Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
DS80C390-FCR+ MAXIM-DS80C390-FCR+ Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
More results


Similar Description - DS80C390

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-42700 AMI-AMIS-42700 Datasheet
523Kb / 16P
Dual High-Speed CAN Transceiver
logo
ON Semiconductor
AMIS-42700 ONSEMI-AMIS-42700 Datasheet
212Kb / 14P
Dual High Speed CAN Transceiver
January, 2009 ??Rev. 5
AMIS-42770 ONSEMI-AMIS-42770 Datasheet
182Kb / 13P
Dual High Speed CAN Transceiver
January, 2009 ??Rev. 3
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_05 Datasheet
1Mb / 53P
Dual CAN High-Speed Microprocessor
logo
ON Semiconductor
NCV7441 ONSEMI-NCV7441 Datasheet
173Kb / 10P
Dual High Speed Low Power CAN Transceiver
August, 2011 ??Rev. 0
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
Dual high-speed CAN transceiver with Standby mode
logo
ON Semiconductor
NCV7446 ONSEMI-NCV7446 Datasheet
192Kb / 13P
Dual CAN FD Transceiver, High Speed, Low Power
December, 2019 ??Rev. 2
logo
Maxim Integrated Produc...
DS80C390 MAXIM-DS80C390 Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
logo
NXP Semiconductors
CM0902 NXP-CM0902 Datasheet
563Kb / 25P
Dual high-speed CAN transceiver
Rev. 4.0, 8/2016
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com