Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9443 Datasheet (PDF) - Intersil Corporation

ISL9443 Datasheet PDF - Intersil Corporation
Part # ISL9443
Download  ISL9443 Download
File Size   1243.78 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller

ISL9443 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9443 Datasheet PDF - Intersil Corporation

Part # ISL9443
Download  ISL9443 Click to download

File Size   1243.78 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller

ISL9443 Datasheet (HTML) - Intersil Corporation


ISL9443 Product details

The ISL9443 is a triple-output synchronous buck controller that
integrates three PWM controllers which are fully featured and
designed to provide multi-rail power for use in products such as
cable and satellite set-top boxes, VoIP gateways, cable modems,
and other home connectivity products as well as a variety of
industrial and general purpose applications. Each output is
adjustable down to 0.7V. The PWMs are synchronized at 180°
out-of-phase, thus reducing the input RMS current and ripple
voltage.
The ISL9443 offers programmable soft-start and tracking
functions for ease of supply rail sequencing and integrated
UV/OV/OC/OT protections in a space conscious 5mmx5mm QFN
package.
Switching frequency can be set between 200kHz and 1200kHz
using a resistor. The ISL9443 can be synchronized to an external
clock to reduce beat frequencies.
The ISL9443 utilizes internal loop compensation to keep
minimum peripheral components for a compact design and a
low total solution cost. The controller is implemented with
current mode control with feed forward to cover various
applications even with fixed internal compensation.

Features
• Three Integrated Synchronous Buck PWM Controllers
- Internal Bootstrap Diodes
- Independent Programmable Output Voltage
- Independent Soft-Starting and Tracking
• Power-Good Indicator
• Light Load Efficiency Enhancement
- Low Ripple Diode Emulation Mode with Pulse Skipping
• Supports Pre-Biased Output
• Programmable Frequency: 200kHz to 1200kHz
• Adaptive Shoot-Through Protection
• Out-of-Phase Switching (0°/180°/0°)
• No External Current Sense Resistor
- Uses Lower MOSFET’s rDS(ON)
• Complete Protection
- Overcurrent, Overvoltage, Over-Temperature
• Wide Input Voltage Range: 4.5V to 28V
• Pb-Free (RoHS Compliant)

Applications
• VoX Gateway Devices
• NAS/SAN Devices
• ATX power supplies




Similar Part No. - ISL9443

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9443IRZ INTERSIL-ISL9443IRZ Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443IRZ RENESAS-ISL9443IRZ Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results


Similar Description - ISL9443

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 5, 2007
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
July 19, 2011
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
Triple, 180째 Out-of-Phase, Step-Down
December 5, 2007
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com