Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS83C520 Datasheet (PDF) - Dallas Semiconductor

DS83C520 Datasheet PDF - Dallas Semiconductor
Part # DS83C520
Download  DS83C520 Download
File Size   1415.1 Kbytes
Page   45 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EPROM/ROM High-Speed Micro

DS83C520 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS83C520 Datasheet PDF - Dallas Semiconductor

Part # DS83C520
Download  DS83C520 Click to download

File Size   1415.1 Kbytes
Page   45 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EPROM/ROM High-Speed Micro

DS83C520 Datasheet (HTML) - Dallas Semiconductor


DS83C520 Product details

DESCRIPTION
The DS87C520/DS83C520 EPROM/ROM high-speed microcontrollers are fast 8051-compatible microcontrollers. They feature a redesigned processor core without wasted clock and memory cycles. As a result, the devices execute every 8051 instruction between 1.5 and 3 times faster than the original for the same crystal speed. Typical applications will see a speed improvement of 2.5 times using the same code and the same crystal. The DS87C520/DS83C520 offer a maximum crystal speed of 33MHz, resulting in apparent execution speeds of 82.5MHz (approximately 2.5X).

FEATURES
■ 80C52 Compatible
    8051 Pin- and Instruction-Set Compatible
    Four 8-Bit I/O Ports
    Three 16-Bit Timer/Counters
    256 Bytes Scratchpad RAM
■ Large On-Chip Memory
    16kB Program Memory
    1kB Extra On-Chip SRAM for MOVX
■ ROMSIZE Feature
    Selects Internal ROM Size from 0 to 16kB
    Allows Access to Entire External Memory Map
    Dynamically Adjustable by Software
    Useful as Boot Block for External Flash
■ High-Speed Architecture
    4 Clocks/Machine Cycle (8051 = 12)
    Runs DC to 33MHz Clock Rates
    Single-Cycle Instruction in 121ns
    Dual Data Pointer
    Optional Variable Length MOVX to Access Fast/Slow RAM/Peripherals
■ Power Management Mode
    Programmable Clock Source to Save Power
    CPU Runs from (crystal/64) or (crystal/1024)
    Provides Automatic Hardware and Software Exit
■ EMI Reduction Mode Disables ALE
■ Two Full-Duplex Hardware Serial Ports
■ High Integration Controller Includes:
    Power-Fail Reset
    Early-Warning Power-Fail Interrupt
    Programmable Watchdog Timer
■ 13 Interrupt Sources with Six External
■ Available in 40-pin PDIP, 44-Pin PLCC, 44-Pin TQFP, and 40-Pin Windowed CERDIP
■ Factory Mask DS83C520 or EPROM (OTP) DS87C520




Similar Part No. - DS83C520

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520 Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
DS83C520 DALLAS-DS83C520 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS83C520 MAXIM-DS83C520 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS83C520-ECL DALLAS-DS83C520-ECL Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
More results


Similar Description - DS83C520

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C550 DALLAS-DS87C550 Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
logo
Microchip Technology
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
logo
Dallas Semiconductor
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
EPROM/ROM Micro with Real Time Clock
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com