Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS83C520 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS83C520 Datasheet HTML 1Page - Dallas Semiconductor DS83C520 Datasheet HTML 2Page - Dallas Semiconductor DS83C520 Datasheet HTML 3Page - Dallas Semiconductor DS83C520 Datasheet HTML 4Page - Dallas Semiconductor DS83C520 Datasheet HTML 5Page - Dallas Semiconductor DS83C520 Datasheet HTML 6Page - Dallas Semiconductor DS83C520 Datasheet HTML 7Page - Dallas Semiconductor DS83C520 Datasheet HTML 8Page - Dallas Semiconductor DS83C520 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
5 of 45
PIN DESCRIPTION (continued)
PIN
DIP
PLCC
TQFP
NAME
FUNCTION
30
33
27
ALE
Address Latch Enable Output. The ALE functions as a clock to
latch the external address LSB from the multiplexed address/data bus
on Port 0. This signal is commonly connected to the latch enable of an
external 373 family transparent latch. ALE has a pulse width of 1.5
XTAL1 cycles and a period of four XTAL1 cycles. ALE is forced
high when the DS87C520/DS83C520 are in a reset condition. ALE
can also be disabled and forced high by writing ALEOFF = 1
(PMR.2). ALE operates independently of ALEOFF during external
memory accesses.
39
43
37
P0.0 (AD0)
38
42
36
P0.1 (AD1)
37
41
35
P0.2 (AD2)
36
40
34
P0.3 (AD3)
35
39
33
P0.4 (AD4)
34
38
32
P0.5 (AD5)
33
37
31
P0.6 (AD6)
32
36
30
P0.7 (AD7)
Port 0 (AD0–7), I/O. Port 0 is an open-drain, 8-bit, bidirectional I/O
port. As an alternate function Port 0 can function as the multiplexed
address/data bus to access off-chip memory. During the time when
ALE is high, the LSB of a memory address is presented. When ALE
falls to a logic 0, the port transitions to a bidirectional data bus. This
bus is used to read external ROM and read/write external RAM
memory or peripherals. When used as a memory bus, the port
provides active high drivers. The reset condition of Port 0 is tri-state.
Pullup resistors are required when using Port 0 as an I/O port.
1
2
40
P1.0
2
3
41
P1.1
3
4
42
P1.2
4
5
43
P1.3
5
6
44
P1.4
6
7
1
P1.5
7
8
2
P1.6
8
9
3
P1.7
Port 1, I/O. Port 1 functions as both an 8-bit, bidirectional I/O port
and an alternate functional interface for Timer 2 I/O, new External
Interrupts, and new Serial Port 1. The reset condition of Port 1 is with
all bits at a logic 1. In this state, a weak pullup holds the port high.
This condition also serves as an input state; a weak pullup holds the
port high. This condition also serves as an input mode, since any
external circuit that writes to the port will overcome the weak pullup.
When software writes a 0 to any port pin, the DS87C520/DS83C520
will activate a strong pulldown that remains on until either a 1 is
written or a reset occurs. Writing a 1 after the port has been at 0 will
cause a strong transition driver to turn on, followed by a weaker
sustaining pullup. Once the momentary strong driver turns off, the
port again becomes the output high (and input) state. The alternate
modes of Port 1 are out-lines as follows.
Port
Alternate
Function
P1.0
T2
External I/O for Timer/Counter 2
P1.1
T2EX
EX Timer/Counter 2 Capture/Reload Trigger
P1.2
RXD1
Serial Port 1 Input
P1.3
TXD1
Serial Port 1 Output
P1.4
INT2
External Interrupt 2 (Positive Edge Detect)
P1.5
INT3
External Interrupt 3 (Negative Edge Detect)
P1.6
INT4
External Interrupt 4 (Positive Edge Detect)
P1.7
INT5
External Interrupt 5 (Negative Edge Detect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com