Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9503 Datasheet (PDF) - Dallas Semiconductor

DS9503 Datasheet PDF - Dallas Semiconductor
Part # DS9503
Download  DS9503 Download
File Size   68.43 Kbytes
Page   3 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description ESD Protection Diode with Resistors

DS9503 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9503 Datasheet PDF - Dallas Semiconductor

Part # DS9503
Download  DS9503 Click to download

File Size   68.43 Kbytes
Page   3 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description ESD Protection Diode with Resistors

DS9503 Datasheet (HTML) - Dallas Semiconductor


DS9503 Product details

DESCRIPTION
This DS9503 is designed as an ESD protection device for 1–Wire MicroLAN interfaces. In contrast to the DS9502, the DS9503 includes two 5W isolation resistors on chip. Although 5W are negligible during communication, they represent a high impedance relative to the conducting diode during an ESD event. Thus, the diode absorbs the energy while the resistors further isolate and protect the circuit at the other side of the package. If used with circuits that already have a strong ESD–protection at their I/O port, the ESD protection level is raised to more that 27 kV (IEC 801–2 Reference model). In case of abnormal ESD hits beyond its maximum ratings the DS9503 will eventually fail “short” thus preventing further damage.

SPECIAL FEATURES
● Zener characteristic with voltage snap–back to protect against ESD hits
● High avalanche voltage, low leakage and low capacitance avoid signal attenuation
● Compatible to all 5V logic families
● Space saving, low inductance TSOC surface mount package
● On–chip 5W  resistors for isolation at both anode and cathode terminals
● Industrial temperature range




Similar Part No. - DS9503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9503 MAXIM-DS9503 Datasheet
73Kb / 4P
ESD Protection Diode with Resistors
7/09
DS9503P+ MAXIM-DS9503P+ Datasheet
73Kb / 4P
ESD Protection Diode with Resistors
7/09
DS9503P+TR MAXIM-DS9503P+TR Datasheet
73Kb / 4P
ESD Protection Diode with Resistors
7/09
More results


Similar Description - DS9503

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Maxim Integrated Produc...
DS9503 MAXIM-DS9503 Datasheet
73Kb / 4P
ESD Protection Diode with Resistors
7/09
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
Nexperia B.V. All right...
IP4769CZ14 NEXPERIA-IP4769CZ14 Datasheet
233Kb / 12P
VGA interface ESD protection with integrated termination resistors
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com