Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X1286 Datasheet (PDF) - Intersil Corporation

X1286 Datasheet PDF - Intersil Corporation
Part # X1286
Download  X1286 Download
File Size   482.13 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1286 Datasheet (PDF)

Go To PDF Page Download Datasheet
X1286 Datasheet PDF - Intersil Corporation

Part # X1286
Download  X1286 Click to download

File Size   482.13 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1286 Datasheet (HTML) - Intersil Corporation


X1286 Product details

FEATURES
• Real Time Clock/Calendar
— Tracks time in Hours, Minutes, Seconds and
Hundredths of a Second
— Day of the Week, Day, Month, and Year
• 2 Polled Alarms (Non-volatile)
— Settable on the Second, Minute, Hour, Day of the
Week, Day, or Month
— Repeat Mode (periodic interrupts)
• Oscillator Compensation on chip
— Internal feedback resistor and compensation
capacitors
— 64 position Digitally Controlled Trim Capacitor
— 6 digital frequency adjustment settings to
±30ppm
• Battery Switch or Super Cap Input
• 32K x 8 Bits of EEPROM
— 128-Byte Page Write Mode
— 8 modes of Block Lock™ Protection
— Single Byte Write Capability
• High Reliability
— Data Retention: 100 years
— Endurance: 100,000 cycles per byte
• 2-Wire™ Interface interoperable with I2C*
— 400kHz data transfer rate
• Frequency Output (SW Selectable: Off, 1Hz, 100Hz,
or 32.768kHz)
• Low Power CMOS
— 1.25µA Operating Current (Typical)
• Small Package Options
— 8 Ld EIAJ SOIC and 14 Ld TSSOP
• Repetitive Alarms
• Temperature Compensation

APPLICATIONS
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive




Similar Part No. - X1286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
March 29, 2005
X1286 INTERSIL-X1286 Datasheet
473Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286A8 INTERSIL-X1286A8 Datasheet
365Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
March 29, 2005
X1286A8 INTERSIL-X1286A8 Datasheet
473Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Similar Description - X1286

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 XICOR-X1228 Datasheet
569Kb / 31P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 XICOR-X1288 Datasheet
560Kb / 31P
2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
March 29, 2005
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
October 17, 2005
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com