Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809-SL75.1M-27C Datasheet (PDF) - Oscilent Corporation

809-SL75.1M-27C Datasheet PDF - Oscilent Corporation
Part # 809-SL75.1M-27C
Download  809-SL75.1M-27C Download
File Size   181.1 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 75.1MHz IF SAW Filter 27.5 MHz Bandwidth

809-SL75.1M-27C Datasheet (PDF)

Go To PDF Page Download Datasheet
809-SL75.1M-27C Datasheet PDF - Oscilent Corporation

Part # 809-SL75.1M-27C
Download  809-SL75.1M-27C Click to download

File Size   181.1 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 75.1MHz IF SAW Filter 27.5 MHz Bandwidth

809-SL75.1M-27C Datasheet (HTML) - Oscilent Corporation




Similar Part No. - 809-SL75.1M-27C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
75.0MHz IF SAW Filter 5.59MHz Bandwidth
809-SL75.0M-05C OSCILENT-809-SL75.0M-05C Datasheet
213Kb / 6P
75.0MHz IF SAW Filter 5.42MHz Bandwidth
809-SL75.0M-07A OSCILENT-809-SL75.0M-07A Datasheet
210Kb / 6P
75.0MHz IF SAW Filter 7.67MHz Bandwidth
809-SL75.0M-15B OSCILENT-809-SL75.0M-15B Datasheet
124Kb / 4P
75.0 MHz IF SAW Filter 16.2 MHz Bandwidth
809-SL75.0M-15C OSCILENT-809-SL75.0M-15C Datasheet
184Kb / 6P
75.0 MHz IF SAW Filter 15.5 MHz Bandwidth
More results


Similar Description - 809-SL75.1M-27C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL62.5M-16A OSCILENT-809-SL62.5M-16A Datasheet
201Kb / 6P
62.5 MHz IF SAW Filter 16.60 MHz Bandwidth
809-SL62.5M-21A OSCILENT-809-SL62.5M-21A Datasheet
216Kb / 6P
62.5 MHz IF SAW Filter 21.3 MHz Bandwidth
809-SL62.9M-20E OSCILENT-809-SL62.9M-20E Datasheet
177Kb / 5P
62.5 MHz IF SAW Filter 21.2 MHz Bandwidth
809-SL75.0M-15D OSCILENT-809-SL75.0M-15D Datasheet
223Kb / 6P
75.0 MHz IF SAW Filter 14.8 MHz Bandwidth
819-IF70.0M-X OSCILENT-819-IF70.0M-X_14 Datasheet
188Kb / 4P
70.0 MHz IF SAW Filter 1.10 MHz Bandwidth
819-IF150.0M-B OSCILENT-819-IF150.0M-B_14 Datasheet
222Kb / 4P
150.0 MHz IF SAW Filter 1.50 MHz Bandwidth
820-IF70.0M-E OSCILENT-820-IF70.0M-E_14 Datasheet
154Kb / 4P
70.0 MHz IF SAW Filter 1.0 MHz Bandwidth
820-IF70.0M-H OSCILENT-820-IF70.0M-H_14 Datasheet
244Kb / 4P
70.0 MHz IF SAW Filter 19.1 MHz Bandwidth
820-IF70.0M-HR OSCILENT-820-IF70.0M-HR_14 Datasheet
231Kb / 4P
70.0 MHz IF SAW Filter 19.15 MHz Bandwidth
logo
Transko Electronics, In...
TL07527CT TRANSKO-TL07527CT Datasheet
629Kb / 4P
75.00 MHz IF SAW Filter / 27.5 MHz Bandwidth
Revision 0: 5 Feb. 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com