Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30LVD50-R Datasheet (PDF) - Vishay Siliconix

30LVD50-R Datasheet PDF - Vishay Siliconix
Part # 30LVD50-R
Download  30LVD50-R Download
File Size   166.48 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AC Line Rated Disc Capacitors

30LVD50-R Datasheet (PDF)

Go To PDF Page Download Datasheet
30LVD50-R Datasheet PDF - Vishay Siliconix

Part # 30LVD50-R
Download  30LVD50-R Click to download

File Size   166.48 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AC Line Rated Disc Capacitors

30LVD50-R Datasheet (HTML) - Vishay Siliconix


30LVD50-R Product details

DESIGN
The capacitors consist of a ceramic disc of which both sides are silver-plated. Connection leads are made of tinned copper having a diameter of 0.032" (0.81 mm) or 0.025" (0.64 mm). The capacitors may be supplied with radial kinked or straight leads having a lead spacing of 0.375" (9.5 mm) or 0.250" (6.4 mm). The standard tolerance is ± 20 %. Coating is made of flame retardant epoxy resin in accordance with “UL 94 V-0.”

FEATURES
• Complying with IEC 60384-14 3rd edition
• High reliability
• Complete range of capacitance values
• Radial leads
• Singlelayer AC Disc safety capacitors
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• X1/Y2 according to IEC 60384-14.3
• Across-the-line
• Line by-pass
• Antenna coupling




Similar Part No. - 30LVD50-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30LVD50-R VISHAY-30LVD50-R Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
More results


Similar Description - 30LVD50-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
440L VISHAY-440L Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors
12-Apr-10
VY2 VISHAY-VY2_10 Datasheet
152Kb / 7P
AC Line Rated Disc Capacitors
13-Apr-10
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
AC Line Rated Disc Capacitors
06-Jun-13
VY2472M49Y5US63V0 VISHAY-VY2472M49Y5US63V0 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors
08-Mar-12
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
AC Line Rated Disc Capacitors
11-Jun-12
440L VISHAY-440L_18 Datasheet
174Kb / 5P
AC Line Rated Ceramic Disc Capacitors
29-Mar-18
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com