Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79L05M3 Datasheet (PDF) - Cystech Electonics Corp.

LM79L05M3 Datasheet PDF - Cystech Electonics Corp.
Part # LM79L05M3
Download  LM79L05M3 Download
File Size   489.71 Kbytes
Page   8 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Low Current Negative Voltage Regulator

LM79L05M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79L05M3 Datasheet PDF - Cystech Electonics Corp.

Part # LM79L05M3
Download  LM79L05M3 Click to download

File Size   489.71 Kbytes
Page   8 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Low Current Negative Voltage Regulator

LM79L05M3 Datasheet (HTML) - Cystech Electonics Corp.


LM79L05M3 Product details

Description
The LM79LXXM3 series of negative regulators are available in the SOT-89 package and with -5V, -6V, -8V,-9V, -12V, -15V, -18V and -24V fixed output voltages, making it useful in a wide range of applications. These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type employs internal current limiting, thermal shut-down and safe operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 100mA output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents. LM79LXXM3 is characterized for operation from 0℃ to 125℃ .

Features:
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
• Pb-free lead plating package




Similar Part No. - LM79L05M3

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
LM79L05 BOCA-LM79L05 Datasheet
246Kb / 6P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L05 FCI-LM79L05 Datasheet
395Kb / 6P
LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L05 ETC1-LM79L05 Datasheet
49Kb / 4P
100mA Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79L05 HTC-LM79L05 Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L05 KEXIN-LM79L05 Datasheet
63Kb / 1P
Three-terminal negative voltage regulator
More results


Similar Description - LM79L05M3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
Three-Terminal Low Current Negative Voltage Regulator
MC79L12F MCC-MC79L12F_08 Datasheet
186Kb / 3P
Three-Terminal Low Current Negative Voltage Regulator
MC79L15F MCC-MC79L15F Datasheet
173Kb / 3P
Three-Terminal Low Current Negative Voltage Regulator
logo
Cystech Electonics Corp...
LM79L12M3 CYSTEKEC-LM79L12M3 Datasheet
489Kb / 8P
Low Current Negative Voltage Regulator
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
Low Current Negative Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com