Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2590 Datasheet (PDF) - Cree, Inc

CXA2590 Datasheet PDF - Cree, Inc
Part # CXA2590
Download  CXA2590 Download
File Size   1942.37 Kbytes
Page   16 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Available in 4-step and 2-step EasyWhite짰 bins at 2700 K

CXA2590 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2590 Datasheet PDF - Cree, Inc

Part # CXA2590
Download  CXA2590 Click to download

File Size   1942.37 Kbytes
Page   16 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Available in 4-step and 2-step EasyWhite짰 bins at 2700 K

CXA2590 Datasheet (HTML) - Cree, Inc




Similar Part No. - CXA2590

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2596 SONY-CXA2596 Datasheet
278Kb / 17P
RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
RF Amplifier for CD Players
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
PDIC for CD-R/RW
More results


Similar Description - CXA2590

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
Solid models of this enclosure available in STEP or IGES.
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
Digital 2-Step
logo
Cree, Inc
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
Available in 5-step EasyWhite
Rev 0A
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
Available in 5-step EasyWhite
Rev 0A
MK-R CREE-MK-R Datasheet
1Mb / 33P
Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
Rev 8A
logo
Mallory performance clu...
8732 MALLORY-8732 Datasheet
241Kb / 4P
Digital 2-Step
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
Step Volume at 15 sec
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
Step Volume at 15 sec
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com