Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2590 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA2590
Description  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2590 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA2590 Datasheet HTML 3Page - Cree, Inc CXA2590 Datasheet HTML 4Page - Cree, Inc CXA2590 Datasheet HTML 5Page - Cree, Inc CXA2590 Datasheet HTML 6Page - Cree, Inc CXA2590 Datasheet HTML 7Page - Cree, Inc CXA2590 Datasheet HTML 8Page - Cree, Inc CXA2590 Datasheet HTML 9Page - Cree, Inc CXA2590 Datasheet HTML 10Page - Cree, Inc CXA2590 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa2590 LED
relative luminous fluX
Therelativeluminousfluxvaluesprovidedbelowaretheratioof:
• measurements of CXA2590 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 1200 mA at T
J = 85 °C.
For example, at steady-state operation of Tc = 105 °C, I
F=1200mA,therelativeluminousfluxratiois90%inthechart
below. A CXA2590 LeD that measures 11,000 lm during binning will deliver 9,900 lm (11,000 * 0.9) at steady-state
operation of Tc = 105 °C, I
F = 1200 mA.
0%
30%
60%
90%
120%
150%
700
800
900
1000 1100 1200 1300 1400 1500 1600 1700 1800
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com