Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3000SSI-EVB Datasheet (PDF) - Silicon Laboratories

SI3000SSI-EVB Datasheet PDF - Silicon Laboratories
Part # SI3000SSI-EVB
Download  SI3000SSI-EVB Download
File Size   594.01 Kbytes
Page   21 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EVALUATION BOARD FOR THE SI3000 WITH THE STANDARD SERIAL INTERFACE

SI3000SSI-EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3000SSI-EVB Datasheet PDF - Silicon Laboratories

Part # SI3000SSI-EVB
Download  SI3000SSI-EVB Click to download

File Size   594.01 Kbytes
Page   21 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EVALUATION BOARD FOR THE SI3000 WITH THE STANDARD SERIAL INTERFACE

SI3000SSI-EVB Datasheet (HTML) - Silicon Laboratories


SI3000SSI-EVB Product details

Description
The Si3000SSI-EVB provides the modem system designer an easy way to evaluate the Si3000 solution.
Power is supplied through two terminal blocks, VD and VA. This allows for 5-V or 3.3-V operation of the evaluation board.

Features
The Si3000SSI-EVB includes the following:
■ RJ-11 Interface to Handset
■ RJ-11 Connections to Phone Line and Modem
■ Microphone, Speaker Interfaces
■ Line In, Line out Interfaces
■ Buffered Digital I/O Interface to DSP or ASIC
■ Recommended Layout for Key Components
■ Easy Power Connection for 5 V or 3.3 V Operation
■ Easy Power Connection for Handset
■ Flexible MCLK Scheme
■ User Selectable Serial Mode
■ Support for Daisy Chain Operation
■ Motherboard–Daughter Card Connection




Similar Part No. - SI3000SSI-EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3000 ETC1-SI3000 Datasheet
1Mb / 36P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
logo
Silicon Laboratories
SI3000 SILABS-SI3000 Datasheet
816Kb / 34P
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Silicon Laboratories
SI3000-C-FS SILABS-SI3000-C-FS Datasheet
816Kb / 34P
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000-C-FS SKYWORKS-SI3000-C-FS Datasheet
1Mb / 34P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
More results


Similar Description - SI3000SSI-EVB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
STMicroelectronics
ROBOT-M24LR16E-A STMICROELECTRONICS-ROBOT-M24LR16E-A Datasheet
147Kb / 5P
Evaluation board for the M24LR16E-R dual interface EEPROM
27-Sep-2011
logo
Analog Devices
UG-054 AD-UG-054 Datasheet
468Kb / 8P
Setting Up the Evaluation Board for the ADP150
REV. 0
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
logo
Silicon Laboratories
SI3000PPT-EVB SILABS-SI3000PPT-EVB Datasheet
2Mb / 24P
EVALUATION BOARD FOR THE Si3000 WITH THE PARALLEL PORT INTERFACE
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
Evaluation Board for the SA9903B Energy
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com