Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3000 Datasheet (PDF) - Silicon Laboratories

SI3000 Datasheet PDF - Silicon Laboratories
Part # SI3000
Download  SI3000 Download
File Size   816.83 Kbytes
Page   34 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp

SI3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3000 Datasheet PDF - Silicon Laboratories

Part # SI3000
Download  SI3000 Click to download

File Size   816.83 Kbytes
Page   34 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp

SI3000 Datasheet (HTML) - Silicon Laboratories


SI3000 Product details

Description

The Si3000 is a complete voice band audio codec solution that offers high integration by incorporating programmable input and output gain/attenuation, a microphone bias circuit, handset hybrid circuit, and an output drive for 32 Ω headphones. The Si3000 can be connected directly to the Si3034, Si3035, Si3044, and Si3056 North American and international DAA chipsets through their daisy-chaining serial interface. It also serves as a companion chip to a FAT ISOmodem chipset with voice features, providing hardware support for a handset and speaker phone. The device operates from a single 3.3 to 5 V power supply and is available in a 16-pin small outline package (SOIC).



Features

Complete voice codec solution includes the following:

■ 84 dB ADC Dynamic Range

■ 84 dB DAC Dynamic Range

■ 4–12 kHz Sample Rates

■ 30 dB Microphone Pre-Amp

■ Programmable Input Gain/Attenuation: –34.5 dB to 12 dB

■ Programmable Output Gain/Attenuation: –34.5 dB to 12 dB

■ Support for 32  Headphones

■ 3:1 Analog Input Mixer

■ 3.3–5.0 V Power Supply

■ Direct Serial Interface to DSPs

■ Direct Connection to Si303x/44/56, serial interface DAA chipsets

■ Low profile 16-Pin SOIC Package

■ RoHS-compliant package available



Applications

■ Modem Voice Channel (DSVD)

■ Telephony

■ Speech Processing

■ General Purpose Analog I/O

■ Companion chip for FDX ISOmodems with voice features



 




Similar Part No. - SI3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3000 ETC1-SI3000 Datasheet
1Mb / 36P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
SI3000-C-FS SKYWORKS-SI3000-C-FS Datasheet
1Mb / 34P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
SI3000-C-GS SKYWORKS-SI3000-C-GS Datasheet
1Mb / 34P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
List of Unclassifed Man...
SI3000-KS ETC1-SI3000-KS Datasheet
1Mb / 36P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
More results


Similar Description - SI3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-155 MA-COM-AM-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
API Technologies Corp
TAD5006 APITECH-TAD5006 Datasheet
194Kb / 1P
4 Bit Digital Attenuator Attentuation Range: 30 dB
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
STMicroelectronics
STA333IS STMICROELECTRONICS-STA333IS Datasheet
1Mb / 43P
100 dB SNR and dynamic range
April 2013 Rev 3
STA339BWS STMICROELECTRONICS-STA339BWS Datasheet
1Mb / 79P
FFX with 100-dB SNR and dynamic range
22-Sep-2014
logo
A-Data Technology
OBR4600 A-DATA-OBR4600 Datasheet
825Kb / 4P
70 dB dynamic range
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com