Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333IS Datasheet (PDF) - STMicroelectronics

STA333IS Datasheet PDF - STMicroelectronics
Part # STA333IS
Download  STA333IS Download
File Size   1612.36 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 dB SNR and dynamic range

STA333IS Datasheet (PDF)

Go To PDF Page Download Datasheet
STA333IS Datasheet PDF - STMicroelectronics

Part # STA333IS
Download  STA333IS Click to download

File Size   1612.36 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 dB SNR and dynamic range

STA333IS Datasheet (HTML) - STMicroelectronics


STA333IS Product details

Description
The STA333IS is an integrated circuit comprising digital audio processing, digital amplifier control and an FFX™ power output stage to create a high-power, single-chip FFX solution for all-digital amplification with high quality and high efficiency. The STA333IS power section consists of four independent half-bridge stages. Two channels can be provided by two full bridges, delivering up to 10 W + 10 W of power. Also featured in the STA333IS are new advanced modes for reducing AM radio interference. The serial audio data input interface accepts all possible formats, including the popular I2S format. Two channels of FFX™ processing are provided. The STA333IS is part of the Sound Terminal® family that provides full digital audio streaming to the speaker, offering cost effectiveness, lowpower dissipation and sound enrichment. CSP 5x6 array

Features
■ Wide-range supply voltage (4.5 V - 20 V)
■ 2 channels of ternary PWM (stereo mode)
■ 2 channels of 24-bit FFX™
■ 100 dB SNR and dynamic range
■ Selectable 32- to 192-kHz input sampling rates
■ Digital gain -80 dB to +48 dB in 0.5 dB steps
■ Software volume update
■ Individual channel and master gain/attenuation
■ Individual channel and master software and hardware mute
■ Independent channel volume bypass
■ Automatic zero-detect mute
■ Automatic invalid input detect mute
■ Short-circuit detection at startup (Out-Vcc, Out- Gnd, Out 1b-Out 2a)
■ 2-channel I2S input data interface
■ 2 Hz DC cut filter (input)
■ Input channel mapping
■ Automatic volume control for limiting maximum power
■ 96 kHz internal processing sampling rate, 24-bit precision
■ Advanced modes for AM interference frequency switching and noise suppression
■ Embedded thermal-overload and short-circuit protection
■ Video application: 576 * fS input mode support

Applications
■ LCDs
■ DVDs
■ Cradles
■ Digital speakers
■ Wireless-speaker cradles




Similar Part No. - STA333IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333IS STMICROELECTRONICS-STA333IS Datasheet
1Mb / 43P
Sound Terminal 2-channel high-efficiency digital audio system
07-Mar-2019
STA333IS STMICROELECTRONICS-STA333IS_V01 Datasheet
1Mb / 43P
Sound Terminal 2-channel high-efficiency digital audio system
07-Mar-2019
More results


Similar Description - STA333IS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
STMicroelectronics
STW5200 STMICROELECTRONICS-STW5200 Datasheet
95Kb / 3P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
STW5200 STMICROELECTRONICS-STW5200_08 Datasheet
123Kb / 4P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
logo
M/A-COM Technology Solu...
AM-155 MA-COM-AM-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
Silicon Laboratories
SI3000 SILABS-SI3000 Datasheet
816Kb / 34P
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
ATMEL Corporation
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
93 dB SNR Playback Stereo Channels
AT73C240 ATMEL-AT73C240_14 Datasheet
1Mb / 38P
90 dB SNR Playback Stereo Channels
logo
Analog Devices
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
logo
STMicroelectronics
STA339BWS STMICROELECTRONICS-STA339BWS Datasheet
1Mb / 79P
FFX with 100-dB SNR and dynamic range
22-Sep-2014
logo
A-Data Technology
OBR4600 A-DATA-OBR4600 Datasheet
825Kb / 4P
70 dB dynamic range
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com