Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV28 Datasheet (PDF) - Diodes Incorporated

BYV28 Datasheet PDF - Diodes Incorporated
Part # BYV28
Download  BYV28 Download
File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SUPER-FAST GLASS BODY RECTIFIER

BYV28 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV28 Datasheet PDF - Diodes Incorporated

Part # BYV28
Download  BYV28 Click to download

File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SUPER-FAST GLASS BODY RECTIFIER

BYV28 Datasheet (HTML) - Diodes Incorporated


BYV28 Product details

Features

• Hermetically Sealed Glass Body Construction

• Controlled Avalanche Characteristics

• Super-Fast Switching for High Efficiency

• High Current Capability and Low Forward Voltage Drop

• Surge Overload Rating to 90A Peak

• Low Reverse Leakage Current



 




Similar Part No. - BYV28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28 VISHAY-BYV28 Datasheet
43Kb / 4P
Ultra Fast Silicon Mesa Rectifiers
24-Jun-98
logo
EIC discrete Semiconduc...
BYV28 EIC-BYV28 Datasheet
74Kb / 2P
EPITAXIAL AVALANCHE DIODES
Rev. 03 : July 8, 2005
logo
NXP Semiconductors
BYV28-100 PHILIPS-BYV28-100 Datasheet
100Kb / 16P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28-100 VISHAY-BYV28-100 Datasheet
43Kb / 4P
Ultra Fast Silicon Mesa Rectifiers
24-Jun-98
More results


Similar Description - BYV28

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Diodes Incorporated
BYV27 DIODES-BYV27 Datasheet
74Kb / 2P
2.0A SUPER-FAST GLASS BODY RECTIFIER
DS30038 Rev. A
SF30AG DIODES-SF30AG Datasheet
62Kb / 2P
3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. B-2
SF31 DIODES-SF31 Datasheet
59Kb / 2P
3.0A SUPER-FAST RECOVERY RECTIFIER
DS24003 Rev. C-3
SF30AG DIODES-SF30AG_1 Datasheet
87Kb / 3P
3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. 4 - 2
logo
TAITRON Components Inco...
TSF31 TAITRON-TSF31 Datasheet
132Kb / 4P
3.0A Super Fast Recovery Rectifier
EGF3AB TAITRON-EGF3AB Datasheet
145Kb / 5P
3.0A Sintered Glass Passivated Super Fast Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
SF31 ZSELEC-SF31 Datasheet
117Kb / 2P
3.0A SUPER FAST RECTIFIER
ER301 ZSELEC-ER301 Datasheet
122Kb / 2P
3.0A SUPER FAST RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com