Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV27 Datasheet (PDF) - Diodes Incorporated

BYV27 Datasheet PDF - Diodes Incorporated
Part # BYV27
Download  BYV27 Download
File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SUPER-FAST GLASS BODY RECTIFIER

BYV27 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV27 Datasheet PDF - Diodes Incorporated

Part # BYV27
Download  BYV27 Click to download

File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SUPER-FAST GLASS BODY RECTIFIER

BYV27 Datasheet (HTML) - Diodes Incorporated


BYV27 Product details

Features
• Hermetically Sealed Glass Body Construction
• Controlled Avalanche Characteristics
• Super-Fast Switching for High Efficiency
• High Current Capability and Low Forward Voltage Drop
• Surge Overload Rating to 50A Peak
• Low Reverse Leakage Current




Similar Part No. - BYV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV27 VISHAY-BYV27 Datasheet
43Kb / 4P
Ultra Fast Silicon Mesa Rectifiers
24-Jun-98
logo
SynSemi, Inc.
BYV27 SYNSEMI-BYV27 Datasheet
31Kb / 2P
EPITAXIAL AVALANCHE DIODES
logo
New Jersey Semi-Conduct...
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
Ultra fast low-loss controlled avalanche rectifiers
logo
EIC discrete Semiconduc...
BYV27 EIC-BYV27 Datasheet
74Kb / 2P
EPITAXIAL AVALANCHE DIODES
Rev. 03 : July 8, 2005
More results


Similar Description - BYV27

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Diodes Incorporated
BYV28 DIODES-BYV28 Datasheet
75Kb / 2P
3.0A SUPER-FAST GLASS BODY RECTIFIER
DS30033 Rev. A
SF20AG DIODES-SF20AG Datasheet
62Kb / 2P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
SF21 DIODES-SF21 Datasheet
53Kb / 2P
2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
SF20AG DIODES-SF20AG_1 Datasheet
404Kb / 3P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. 3 - 2
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
TSF21 TAITRON-TSF21 Datasheet
139Kb / 4P
2.0A Super Fast Recovery Rectifier
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
2.0A Sintered Glass Passivated Super Fast Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Sangdest Microelectroni...
SF21 SMC-SF21 Datasheet
185Kb / 4P
2.0A SUPER- FAST RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com